Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS28F640P30TF75A Datasheet(PDF) 37 Page - Micron Technology

Part # JS28F640P30TF75A
Description  Numonyx짰 Axcell??P30-65nm Flash Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F640P30TF75A Datasheet(HTML) 37 Page - Micron Technology

Back Button JS28F640P30TF75A Datasheet HTML 33Page - Micron Technology JS28F640P30TF75A Datasheet HTML 34Page - Micron Technology JS28F640P30TF75A Datasheet HTML 35Page - Micron Technology JS28F640P30TF75A Datasheet HTML 36Page - Micron Technology JS28F640P30TF75A Datasheet HTML 37Page - Micron Technology JS28F640P30TF75A Datasheet HTML 38Page - Micron Technology JS28F640P30TF75A Datasheet HTML 39Page - Micron Technology JS28F640P30TF75A Datasheet HTML 40Page - Micron Technology JS28F640P30TF75A Datasheet HTML 41Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 90 page
background image
Datasheet
Apr 2010
37
Order Number:208033-02
P30-65nm SBC
11.2.3
End of Word Line (EOWL) Considerations
The delay may occur when a burst sequence access crosses a 8-word boundary. That
is, A[3:1] of start address does not equal 0x0. Figure 12, “End of Wordline Timing
Diagram” on page 37 illustrates the end of wordline WAIT state(s), which occur after
the first 8-word boundary is reached. The number of data words and the number of
WAIT states is summarized in Table 15, “End of Wordline Data and WAIT state
Comparison” on page 38 for both P30-130nm and P30-65nm SBC devices.
Figure 11: Example Latency Count Setting Using Code 3
CLK
CE#
ADV#
A[MAX:0]
D[15:0]
t
Data
Code 3
Address
Data
01
2
34
R103
High-Z
A[MAX:1]
Figure 12: End of Wordline Timing Diagram
A[Max:1]
AD V#
OE#
WA IT
DQ[15:0]
Data
Data
Data
EOW L
CLK
Latency C ount



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com