Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS28F640P30TF75A Datasheet(PDF) 35 Page - Micron Technology

Part # JS28F640P30TF75A
Description  Numonyx짰 Axcell??P30-65nm Flash Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F640P30TF75A Datasheet(HTML) 35 Page - Micron Technology

Back Button JS28F640P30TF75A Datasheet HTML 31Page - Micron Technology JS28F640P30TF75A Datasheet HTML 32Page - Micron Technology JS28F640P30TF75A Datasheet HTML 33Page - Micron Technology JS28F640P30TF75A Datasheet HTML 34Page - Micron Technology JS28F640P30TF75A Datasheet HTML 35Page - Micron Technology JS28F640P30TF75A Datasheet HTML 36Page - Micron Technology JS28F640P30TF75A Datasheet HTML 37Page - Micron Technology JS28F640P30TF75A Datasheet HTML 38Page - Micron Technology JS28F640P30TF75A Datasheet HTML 39Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 90 page
background image
Datasheet
Apr 2010
35
Order Number:208033-02
P30-65nm SBC
RCR contents can be examined using the Read Device Identifier command, and then
reading from offset 0x05 (see Section 7.2, “Read Device Identifier” on page 22).
Upon power-up or exit from reset, the RCR defaults to asynchronous mode.
The RCR is shown in Table 13. The following sections describe each RCR bit function.
11.2.1
Read Mode (RCR.15)
The Read Mode (RM) bit selects synchronous burst-mode or asynchronous page-mode
operation for the device. When the RM bit is set, asynchronous page mode is selected
(default). When RM is cleared, synchronous burst mode is selected.
Table 13: Read Configuration Register Description
Read Configuration Register (RCR)
Read
Mode
RES
Latency Count
WAIT
Polarity
Data
Output
Config
WAIT
Delay
Burst
Seq
CLK
Edge
RES
RES
Burst
Wrap
Burst Length
RM
R
LC[3:0]
WP
DOC
WD
BS
CE
R
R
BW
BL[2:0]
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit
Name
Description
15
Read Mode (RM)
0 = Synchronous burst-mode read
1 = Asynchronous page-mode read (default)
14
Reserved (R)
Set to 0. This bit cannot be altered by customer.
13:11
Latency Count (LC[2:0])
000 =Code 0 reserved
001 =Code 1 reserved
010 =Code 2
011 =Code 3
100 =Code 4
101 =Code 5
110 =Code 6
111 =Code 7(default)
10
WAIT Polarity (WP)
0 =WAIT signal is active low
1 =WAIT signal is active high (default)
9
Data Output Configuration
(DOC)
0 =Data held for a 1-clock data cycle
1 =Data held for a 2-clock data cycle (default)
8
WAIT Delay (WD)
0 =WAIT deasserted with valid data
1 =WAIT deasserted one data cycle before valid data (default)
7
Burst Sequence (BS)
0 =Reserved
1 =Linear (default)
6
Clock Edge (CE)
0 = Falling edge
1 = Rising edge (default)
5:4
Reserved (R)
Set to 0. This bit cannot be altered by customer.
3
Burst Wrap (BW)
0 =Wrap; Burst accesses wrap within burst length set by BL[2:0]
1 =No Wrap; Burst accesses do not wrap within burst length (default)
2:0
Burst Length (BL[2:0])
001 =4-word burst
010 =8-word burst
011 =16-word burst
111 =Continuous-word burst (default)
(Other bit settings are reserved)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com