Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS28F640P30TF75A Datasheet(PDF) 1 Page - Micron Technology

Part # JS28F640P30TF75A
Description  Numonyx짰 Axcell??P30-65nm Flash Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F640P30TF75A Datasheet(HTML) 1 Page - Micron Technology

  JS28F640P30TF75A Datasheet HTML 1Page - Micron Technology JS28F640P30TF75A Datasheet HTML 2Page - Micron Technology JS28F640P30TF75A Datasheet HTML 3Page - Micron Technology JS28F640P30TF75A Datasheet HTML 4Page - Micron Technology JS28F640P30TF75A Datasheet HTML 5Page - Micron Technology JS28F640P30TF75A Datasheet HTML 6Page - Micron Technology JS28F640P30TF75A Datasheet HTML 7Page - Micron Technology JS28F640P30TF75A Datasheet HTML 8Page - Micron Technology JS28F640P30TF75A Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 90 page
background image
Datasheet
Apr 2010
1
Order Number: 208033-02
Numonyx® Axcell™ P30-65nm Flash Memory
128-Mbit, 64-Mbit Single Bit per Cell (SBC)
Datasheet
Product Features
High Performance:
— 65ns initial access time for Easy BGA and
QUAD+
— 75ns initial access time for TSOP
— 25ns 8-word asynchronous-page read mode
— 52MHz with zero WAIT states, 17ns clock-to-
data output synchronous-burst read mode
— 4-, 8-, 16- and continuous-word options for
burst mode
— 1.8V Low Power buffered programming at
1.8MByte/s (Typ) using 256-word buffer
— Buffered Enhanced Factory Programming at
3.2MByte/s (typ) using 256-word buffer
Architecture:
— Asymmetrically-blocked architecture
— Four 32-KByte parameter blocks: top or
bottom configuration
— 128-KByte array blocks
— Blank Check to verify an erased block
Voltage and Power:
— VCC (core) voltage: 1.7V – 2.0V
— VCCQ (I/O) voltage: 1.7V – 3.6V
— Standby current: 30µA(Typ)/55µA(Max)
— Continuous synchronous read current: 23mA
(Typ)/28mA (Max) at 52MHz
Enhanced Security:
— Absolute write protection: VPP = Vss
— Power-transition erase/program lockout
— Individual zero-latency block locking
— Individual block lock-down capability
— Password Access feature
— One-Time Programmable Register:
— 64 OTP bits, programmed with unique
information by Numonyx
— 2112 OTP bits, available for customer
programming
Software:
— 20µs (Typ) program suspend
— 20µs (Typ) erase suspend
— Basic Command Set and Extended Function
Interface (EFI) Command Set compatible
— Common Flash Interface capable
Density and Packaging:
— 56-Lead TSOP (128-Mbit, 64-Mbit)
— 64-Ball Easy BGA (128-Mbit, 64-Mbit)
— 88-Ball QUAD+ Package (128-Mbit)
— 16-bit wide data bus
Quality and Reliability:
— JESD47E Compliant
— Operating temperature: –40°C to +85°C
— Minimum 100,000 erase cycles
— 65nm process technology


Similar Part No. - JS28F640P30TF75A

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
JS28F640P30T85 INTEL-JS28F640P30T85 Datasheet
1Mb / 102P
Intel StrataFlash Embedded Memory
logo
Numonyx B.V
JS28F640P30T85 NUMONYX-JS28F640P30T85 Datasheet
1Mb / 99P
Numonyx StrataFlash Embedded Memory
More results

Similar Description - JS28F640P30TF75A

ManufacturerPart #DatasheetDescription
logo
Micron Technology
PC28F640P33BF60A MICRON-PC28F640P33BF60A Datasheet
3Mb / 88P
Numonyx짰 P33-65nm Flash Memory
PC28F00BP30EFA MICRON-PC28F00BP30EFA Datasheet
11Mb / 86P
Numonyx짰 Axcell??P30-65nm Flash Memory
PC28F00AP30TFA MICRON-PC28F00AP30TFA Datasheet
11Mb / 86P
Numonyx짰 Axcell??P30-65nm Flash Memory 512-Mbit, 1-Gbit , 2-Gbit
JS28F128P30TF75A MICRON-JS28F128P30TF75A Datasheet
1Mb / 90P
Numonyx Axcell P30-65nm Flash Memory
JS28F512P30TFA MICRON-JS28F512P30TFA Datasheet
11Mb / 86P
Numonyx Axcell P30-65nm Flash Memory
PC28F256P30TFA MICRON-PC28F256P30TFA Datasheet
1Mb / 95P
Micron Parallel NOR Flash Embedded Memory (P30-65nm)
logo
Numonyx B.V
PC28F128P33BF60A NUMONYX-PC28F128P33BF60A Datasheet
3Mb / 88P
Numonyx짰 P33-65nm Flash Memory
logo
Micron Technology
JS28F512P30EFA MICRON-JS28F512P30EFA Datasheet
1Mb / 92P
Micron Parallel NOR Flash Embedded Memory (P30-65nm)
PC28F256P30BFA MICRON-PC28F256P30BFA Datasheet
1Mb / 98P
Micron Parallel NOR Flash Embedded Memory (P30-65nm)
RC28F256P30BFA MICRON-RC28F256P30BFA Datasheet
1Mb / 98P
Micron Parallel NOR Flash Embedded Memory (P30-65nm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com