Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASBSERIES Datasheet(PDF) 3 Page - EPCOS

Part # ASBSERIES
Description  Barometric pressure transmitters for SMT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

ASBSERIES Datasheet(HTML) 3 Page - EPCOS

  ASBSERIES Datasheet HTML 1Page - EPCOS ASBSERIES Datasheet HTML 2Page - EPCOS ASBSERIES Datasheet HTML 3Page - EPCOS ASBSERIES Datasheet HTML 4Page - EPCOS ASBSERIES Datasheet HTML 5Page - EPCOS ASBSERIES Datasheet HTML 6Page - EPCOS ASBSERIES Datasheet HTML 7Page - EPCOS ASBSERIES Datasheet HTML 8Page - EPCOS ASBSERIES Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Pressure sensors
Barometric pressure transmitters for SMT
ASB series
Preliminary data
AS SEN PD
2011-05-02
Please read Cautions and warnings and
Page 3 of 16
Important notes at the end of this document
.
1. Technical Data
Absolute maximum ratings
Parameter
Symbol
Conditions
Min.
Max.
Unit
Temperature ranges
Storage temperature range
Tst
1)
-40
+125
°C
TN
2)
-40
+85
°C
Operating temperature range
Top
TE
2)
-40
+125
°C
Compensated temperature range
Tc
3),4)
0
+70
°C
Soldering temperature
Tsolder
+260
°C
Pressure ranges
Rated pressure
pr
absolute
0.2 (2.9)
1.2 (17.4)
bar (psi)
Overpressure
pov
4), 5)
2
pr
Burst pressure
3
pr
Supply voltage /-current
Supply voltage
Vsupply
6)
2.7
5.5
V
Supply current
Isupply
Iout = 0
2.5
mA
Signal output current
Iout
7)
2
mA
Start up time
tSTA
8)
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com