Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASBSERIES Datasheet(PDF) 5 Page - EPCOS

Part # ASBSERIES
Description  Barometric pressure transmitters for SMT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

ASBSERIES Datasheet(HTML) 5 Page - EPCOS

  ASBSERIES Datasheet HTML 1Page - EPCOS ASBSERIES Datasheet HTML 2Page - EPCOS ASBSERIES Datasheet HTML 3Page - EPCOS ASBSERIES Datasheet HTML 4Page - EPCOS ASBSERIES Datasheet HTML 5Page - EPCOS ASBSERIES Datasheet HTML 6Page - EPCOS ASBSERIES Datasheet HTML 7Page - EPCOS ASBSERIES Datasheet HTML 8Page - EPCOS ASBSERIES Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Pressure sensors
Barometric pressure transmitters for SMT
ASB series
Preliminary data
AS SEN PD
2011-05-02
Please read Cautions and warnings and
Page 5 of 16
Important notes at the end of this document
.
Terminal assignment
Dimensional drawings
Pin Symbol
Signal
1
GND
Ground
2
Vsupply
Supply
voltage
3
SDA
Serial Data
4
SCL
Serial Clock
3. Digital Output – I²C (D5)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Digital output pressure signal (D5) @ Top = 25°C, Vsupply = 5 V, Iout < 0.1 mA
Offset (at pr,min)
D
P
out,0
D5: I²C - 14bit
1638
digits
Signal span (Full Scale)
D
P
FS
D5: I²C - 14bit
13107
digits
Full scale output at pr,max
D
P
out,0 + D
P
FS
D5: I²C - 14bit
14745
digits
Non-linearity
L
Simple output
10), 11)
±
0.1
% FS
Response time
t10-90
12)
2
ms
Basic accuracy
±
2
±
3
% FS
Digital output temperature signal (D5) @ pr,min , Vsupply = 5 V, Iout < 0.1 mA
Offset (at 0°C)
D
T
out,0
D5: I²C - 11bit
512
digits
Sensitivity
D
T
S
D5: I²C - 11bit
10.235
digits/K
Basic accuracy
Top: 0 … 70°C
±
2
±
3
°C
Configuration, digital interface
System clock frequency
10
6
Hz
Update period
1.5
ms
I
2C address
0x28
hex
Sensor connection check
active
Sensor short check
active
Sleep Mode
active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com