Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASBSERIES Datasheet(PDF) 6 Page - EPCOS

Part # ASBSERIES
Description  Barometric pressure transmitters for SMT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

ASBSERIES Datasheet(HTML) 6 Page - EPCOS

Back Button ASBSERIES Datasheet HTML 2Page - EPCOS ASBSERIES Datasheet HTML 3Page - EPCOS ASBSERIES Datasheet HTML 4Page - EPCOS ASBSERIES Datasheet HTML 5Page - EPCOS ASBSERIES Datasheet HTML 6Page - EPCOS ASBSERIES Datasheet HTML 7Page - EPCOS ASBSERIES Datasheet HTML 8Page - EPCOS ASBSERIES Datasheet HTML 9Page - EPCOS ASBSERIES Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Pressure sensors
Barometric pressure transmitters for SMT
ASB series
Preliminary data
AS SEN PD
2011-05-02
Please read Cautions and warnings and
Page 6 of 16
Important notes at the end of this document
.
Output Characteristics
Application Circuit
pressure:
pr,min
pr,max
Dpout,min
Dpout,min + DFS
pr,min
pr,max
Dpout,min
Dpout,min + DFS
temperature:
-50°C
150°C
0 digits
2047 digits
0°C
512 digits
-50°C
150°C
0 digits
2047 digits
0°C
512 digits
Conversion Formula
pressure:
(
)
(
)
min
,
min
,
min
,
max
,
r
p
out
p
meas
p
FS
r
r
meas
p
D
D
D
p
p
p
+
−
⋅
−
=
temperature:
[ ]
235
.
10
512
−
=
°
T
meas
meas
D
C
T
GND
1
2
4
3
SCL
V
supply
SDA
0.1µF
GND
1
2
4
3
SCL
V
supply
SDA
0.1µF
Sleep Mode
After the command window, the sensor’s signal processor will power down and fall into sleep mode. To wake up the
sensor’s signal processor the master must send a Read_MR (measurement request operation) command or a Write_MR
(reduced measurement request operation) command.
After completion of the measurement cycle the data can be transmitted via a data fetch operation and the sensor’s signal
processor will power down and fall into sleep mode again.
Command
Window
Temperature
Measurement
Pressure
Measurement
DSP
Calcs.
Power
Down
Power
Down
Temperature
Measurement
Sensor‘s Digital Signal
Processor Activity
Serial Interface Activity
Power ON
reserved
Read_MR
Wakes Sensor‘s
Signal Processor
Read_DF
Invalid Values
Write New Data
To Output Register
Read_DF
Valid Reading
Read_MR
Wakes Sensor‘s
Signal Processor
Appr. 4.42 ms
Command
Window
Temperature
Measurement
Pressure
Measurement
DSP
Calcs.
Power
Down
Power
Down
Temperature
Measurement
Sensor‘s Digital Signal
Processor Activity
Serial Interface Activity
Power ON
reserved
Read_MR
Wakes Sensor‘s
Signal Processor
Read_DF
Invalid Values
Write New Data
To Output Register
Read_DF
Valid Reading
Read_MR
Wakes Sensor‘s
Signal Processor
Appr. 4.42 ms
Command
Window
Temperature
Measurement
Pressure
Measurement
DSP
Calcs.
Power
Down
Power
Down
Temperature
Measurement
Sensor‘s Digital Signal
Processor Activity
Serial Interface Activity
Power ON
reserved
Read_MR
Wakes Sensor‘s
Signal Processor
Read_DF
Invalid Values
Write New Data
To Output Register
Read_DF
Valid Reading
Read_MR
Wakes Sensor‘s
Signal Processor
Appr. 4.42 ms
Command
Window
Temperature
Measurement
Pressure
Measurement
DSP
Calcs.
Power
Down
Power
Down
Temperature
Measurement
Sensor‘s Digital Signal
Processor Activity
Serial Interface Activity
Power ON
reserved
Read_MR
Wakes Sensor‘s
Signal Processor
Read_DF
Invalid Values
Write New Data
To Output Register
Read_DF
Valid Reading
Read_MR
Wakes Sensor‘s
Signal Processor
Appr. 4.42 ms
Command
Window
Pressure
Measurement
DSP
Calcs.
Power
Down
Power
Down
Temperature
Measurement
Sensor‘s Digital Signal
Processor Activity
Serial Interface Activity
Power ON
reserved
Write_MR
Wakes Sensor‘s
Signal Processor
Read_DF
Invalid Values
Write New Data
To Output Register
Read_DF
Valid Reading
Read_MR
Wakes Sensor‘s
Signal Processor
Appr. 1.62 ms
Command
Window
Pressure
Measurement
DSP
Calcs.
Power
Down
Power
Down
Temperature
Measurement
Sensor‘s Digital Signal
Processor Activity
Serial Interface Activity
Power ON
reserved
Write_MR
Wakes Sensor‘s
Signal Processor
Read_DF
Invalid Values
Write New Data
To Output Register
Read_DF
Valid Reading
Read_MR
Wakes Sensor‘s
Signal Processor
Appr. 1.62 ms
Command
Window
Pressure
Measurement
DSP
Calcs.
Power
Down
Power
Down
Temperature
Measurement
Sensor‘s Digital Signal
Processor Activity
Serial Interface Activity
Power ON
reserved
Write_MR
Wakes Sensor‘s
Signal Processor
Read_DF
Invalid Values
Write New Data
To Output Register
Read_DF
Valid Reading
Read_MR
Wakes Sensor‘s
Signal Processor
Appr. 1.62 ms
Command
Window
Pressure
Measurement
DSP
Calcs.
Power
Down
Power
Down
Temperature
Measurement
Sensor‘s Digital Signal
Processor Activity
Serial Interface Activity
Power ON
reserved
Write_MR
Wakes Sensor‘s
Signal Processor
Read_DF
Invalid Values
Write New Data
To Output Register
Read_DF
Valid Reading
Read_MR
Wakes Sensor‘s
Signal Processor
Appr. 1.62 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com