Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASBSERIES Datasheet(PDF) 4 Page - EPCOS

Part # ASBSERIES
Description  Barometric pressure transmitters for SMT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

ASBSERIES Datasheet(HTML) 4 Page - EPCOS

  ASBSERIES Datasheet HTML 1Page - EPCOS ASBSERIES Datasheet HTML 2Page - EPCOS ASBSERIES Datasheet HTML 3Page - EPCOS ASBSERIES Datasheet HTML 4Page - EPCOS ASBSERIES Datasheet HTML 5Page - EPCOS ASBSERIES Datasheet HTML 6Page - EPCOS ASBSERIES Datasheet HTML 7Page - EPCOS ASBSERIES Datasheet HTML 8Page - EPCOS ASBSERIES Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Pressure sensors
Barometric pressure transmitters for SMT
ASB series
Preliminary data
AS SEN PD
2011-05-02
Please read Cautions and warnings and
Page 4 of 16
Important notes at the end of this document
.
Terminal assignment
Dimensional drawings
Pin Symbol
Signal
1
-
not connected
2
GND
Ground
3
Vout
Output signal
4
Vsupply
Supply voltage
Output Characteristics
Application Circuit
p
r,min
p
r,max
V
out,min
V
out,min + VFS
p
r,min
p
r,max
V
out,min
V
out,min + VFS
Conversion Formula
VR:
(
)
min
,
min
,
min
,
max
,
r
out
Supply
meas
FS
r
r
meas
p
V
V
V
V
p
p
p
+
−
⋅
−
=
V1
(
)
(
)
min
,
min
,
min
,
max
,
r
out
meas
FS
r
r
meas
p
V
V
V
p
p
p
+
−
⋅
−
=
GND
1
2
4
3
V
out
V
supply
0.1µF
GND
1
2
4
3
V
out
V
supply
0.1µF
2. Analog Output (VR/V1)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Analog output signal (VR/V1) @ Top = 25°C, Vsupply = 5 V, Iout < 0.1 mA
VR: ratiometric
9)
10
%VCC
Offset (at pr,min)
Vout,0
V1: 0 … 1000 mV
9)
0
2.5
mV
VR: ratiometric
10)
80
%VCC
Signal span (Full Scale)
VFS
V1: 0 … 1000 mV
10)
1000
mV
Full scale output at pr,max
Vout,0 + VFS
VR: ratiometric
9), 10)
90
%VCC
Diagnostic levels
enabled upon request
disabled
Non-linearity
L
Simple output
10), 11)
±
0.1
% FS
Response time
t10-90
12)
2
ms
Resolution
rOUT
13)
12
bit
Basic accuracy
Top: 0 … 70°C
±
2
±
3
% FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com