Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24F32KA302-I/ML Datasheet(PDF) 171 Page - Microchip Technology

Part # PIC24F32KA302-I/ML
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F32KA302-I/ML Datasheet(HTML) 171 Page - Microchip Technology

Back Button PIC24F32KA302-I/ML Datasheet HTML 167Page - Microchip Technology PIC24F32KA302-I/ML Datasheet HTML 168Page - Microchip Technology PIC24F32KA302-I/ML Datasheet HTML 169Page - Microchip Technology PIC24F32KA302-I/ML Datasheet HTML 170Page - Microchip Technology PIC24F32KA302-I/ML Datasheet HTML 171Page - Microchip Technology PIC24F32KA302-I/ML Datasheet HTML 172Page - Microchip Technology PIC24F32KA302-I/ML Datasheet HTML 173Page - Microchip Technology PIC24F32KA302-I/ML Datasheet HTML 174Page - Microchip Technology PIC24F32KA302-I/ML Datasheet HTML 175Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 364 page
background image
 2011-2013 Microchip Technology Inc.
DS39995D-page 171
PIC24FV32KA304 FAMILY
17.3
Setting Baud Rate When
Operating as a Bus Master
To compute the Baud Rate Generator (BRG) reload
value, use Equation 17-1.
EQUATION 17-1:
COMPUTING BAUD RATE
RELOAD VALUE(1)
17.4
Slave Address Masking
The I2CxMSK register (Register 17-3) designates
address bit positions as “don’t care” for both 7-Bit and
10-Bit Addressing modes. Setting a particular bit
location (= 1) in the I2CxMSK register causes the slave
module to respond, whether the corresponding
address bit value is ‘0’ or ‘1’. For example, when
I2CxMSK is set to ‘00100000’, the slave module will
detect both addresses: ‘0000000’ and ‘00100000’.
To enable address masking, the Intelligent Peripheral
Management Interface (IPMI) must be disabled by
clearing the IPMIEN bit (I2C1CON<11>).
TABLE 17-1:
I2C™ CLOCK RATES(1)
TABLE 17-2:
I2C™ RESERVED ADDRESSES(1)
I2CxBRG
FCY
FSCL
------------
FCY
10 000 000

------------------------------
–

 1
–
=
FSCL
FCY
I2CxBRG 1
FCY
10 000 000

------------------------------
++
----------------------------------------------------------------------
=
or
Note 1: Based on FCY = FOSC/2; Doze mode and PLL
are disabled.
Note:
As a result of changes in the I2C protocol,
the addresses in Table 17-2 are reserved
and will not be Acknowledged in Slave
mode. This includes any address mask
settings that include any of these
addresses.
Required
System
FSCL
FCY
I2CxBRG Value
Actual
FSCL
(Decimal)
(Hexadecimal)
100 kHz
16 MHz
157
9D
100 kHz
100 kHz
8 MHz
78
4E
100 kHz
100 kHz
4 MHz
39
27
99 kHz
400 kHz
16 MHz
37
25
404 kHz
400 kHz
8 MHz
18
12
404 kHz
400kHz
4MHz
9
9
385kHz
400kHz
2MHz
4
4
385kHz
1 MHz
16 MHz
13
D
1.026 MHz
1 MHz
8 MHz
6
6
1.026 MHz
1 MHz
4 MHz
3
3
0.909 MHz
Note 1:
Based on FCY = FOSC/2; Doze mode and PLL are disabled.
Slave
Address
R/W
Bit
Description
0000 000
0
General Call Address(2)
0000 000
1
Start Byte
0000 001
x
CBus Address
0000 010
x
Reserved
0000 011
x
Reserved
0000 1xx
x
HS Mode Master Code
1111 1xx
x
Reserved
1111 0xx
x
10-Bit Slave Upper Byte(3)
Note 1: The address bits listed here will never cause an address match, independent of the address mask settings.
2: This address will be Acknowledged only if GCEN = 1.
3: A match on this address can only occur on the upper byte in 10-Bit Addressing mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com