Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCT2075TP Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCT2075TP
Description  I2C-bus Fm, 1 degree C accuracy, digital temperature sensor and thermal watchdog
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCT2075TP Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCT2075TP Datasheet HTML 17Page - NXP Semiconductors PCT2075TP Datasheet HTML 18Page - NXP Semiconductors PCT2075TP Datasheet HTML 19Page - NXP Semiconductors PCT2075TP Datasheet HTML 20Page - NXP Semiconductors PCT2075TP Datasheet HTML 21Page - NXP Semiconductors PCT2075TP Datasheet HTML 22Page - NXP Semiconductors PCT2075TP Datasheet HTML 23Page - NXP Semiconductors PCT2075TP Datasheet HTML 24Page - NXP Semiconductors PCT2075TP Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
PCT2075
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 21 May 2013
21 of 37
NXP Semiconductors
PCT2075
I2C-bus Fm+ digital temperature sensor and thermal watchdog
11. Static characteristics
[1]
Typical values are at VCC = 3.3 V and Tamb =25 C.
Table 20.
Static characteristics
VCC = 2.7 V to 5.5 V; Tamb = 55 C to +125 C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
Tacc
temperature accuracy
Tamb = 25 C to +100 C
1-
+1
C
Tamb = 55 C to +125 C
2-
+2
C
Tres
temperature resolution
11-bit digital temp data
-
0.125
-
C
tconv(T)
temperature conversion
time
normal mode
-
28
-
ms
Tconv
conversion period
normal mode
-
0.1
3.2
s
VPOR
power-on reset voltage
-
-
2.6
V
ICC(AV)
average supply current
normal mode: I2C-bus inactive
-
125
300
A
normal mode: I2C-bus active;
fSCL = 1000 kHz
--
400
A
shutdown mode
Tamb =25 C-
<0.1
-
A
Tamb =85 C-
<1
-
A
Tamb =125 C-
-
20
A
VIH
HIGH-level input voltage
digital pins (SCL, SDA, A2 to A0)
0.7
 V
CC
-VCC +0.3 V
VIL
LOW-level input voltage
digital pins
0.3
-
0.3
 V
CC
V
VI(hys)
hysteresis of input voltage SCL and SDA pins
-
300
-
mV
A2, A1, A0 pins
-
150
-
mV
IIH
HIGH-level input current
digital pins; VI =VCC
Tamb =25 C-
<0.1
-
A
Tamb =85 C
(PCT2075D, DP and TP only)
-<1
-
A
Tamb =85 C (PCT2075GV only)
-
<2
-
A
Tamb =125 C
(PCT2075D, DP and TP only)
--
10
A
Tamb =125 C (PCT2075GV only)
-
-
20
A
IIL
LOW-level input current
digital pins; VI = 0 V
1.0
-
+1.0
A
VOL
LOW-level output voltage
OS pin; IOL =20mA
-
-
0.4
V
SDA pin; IOL =20mA
-
-
0.4
V
ILO
output leakage current
SDA and OS pins; VOH =VCC
--
20
A
Nfault
number of faults
programmable; conversions in
overtemperature-shutdown fault
queue
1-
6
Tots
overtemperature
shutdown temperature
default value
-
80
-
C
Thys
hysteresis temperature
default value
-
75
-
C
Ci
input capacitance
digital pins
-
20
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com