Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCT2075TP Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCT2075TP
Description  I2C-bus Fm, 1 degree C accuracy, digital temperature sensor and thermal watchdog
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCT2075TP Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCT2075TP Datasheet HTML 6Page - NXP Semiconductors PCT2075TP Datasheet HTML 7Page - NXP Semiconductors PCT2075TP Datasheet HTML 8Page - NXP Semiconductors PCT2075TP Datasheet HTML 9Page - NXP Semiconductors PCT2075TP Datasheet HTML 10Page - NXP Semiconductors PCT2075TP Datasheet HTML 11Page - NXP Semiconductors PCT2075TP Datasheet HTML 12Page - NXP Semiconductors PCT2075TP Datasheet HTML 13Page - NXP Semiconductors PCT2075TP Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
PCT2075
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 21 May 2013
10 of 37
NXP Semiconductors
PCT2075
I2C-bus Fm+ digital temperature sensor and thermal watchdog
7.4.1 Pointer register
The Pointer register contains an 8-bit data byte, of which the three LSB bits represent the
pointer value of the other five registers, and the other five MSB bits are equal to 0, as
shown in Table 8 and Table 9. The Pointer register is not accessible to the user, but is
used to select the data register for write/read operation by including the pointer data byte
in the bus command.
Because the Pointer value is latched into the Pointer register when the bus command
(which includes the pointer byte) is executed, a read from the device may or may not
include the pointer byte in the statement. To read again a register that has been recently
read and the pointer has been preset, the pointer byte does not have to be included. To
read a register that is different from the one that has been recently read, the pointer byte
must be included. However, a write to the device must always include the pointer byte in
the statement. The bus communication protocols are described in Section 7.10.
At power-up, the Pointer value is equal to 000b and the Temp register is selected; users
can then read the Temp data without specifying the pointer byte.
Anything not shown in Table 9 is reserved and should not be used.
Table 8.
Pointer register
B7
B6
B5
B4
B3
B[2:0]
00000pointer value
Table 9.
Pointer value
B2
B1
B0
Selected register
0
0
0
Temperature register (Temp)
0
0
1
Configuration register (Conf)
0
1
0
Hysteresis register (Thyst)
0
1
1
Overtemperature shutdown register (Tos)
1
0
1
Idle register (Tidle)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com