Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCT2075TP Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCT2075TP
Description  I2C-bus Fm, 1 degree C accuracy, digital temperature sensor and thermal watchdog
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCT2075TP Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCT2075TP Datasheet HTML 2Page - NXP Semiconductors PCT2075TP Datasheet HTML 3Page - NXP Semiconductors PCT2075TP Datasheet HTML 4Page - NXP Semiconductors PCT2075TP Datasheet HTML 5Page - NXP Semiconductors PCT2075TP Datasheet HTML 6Page - NXP Semiconductors PCT2075TP Datasheet HTML 7Page - NXP Semiconductors PCT2075TP Datasheet HTML 8Page - NXP Semiconductors PCT2075TP Datasheet HTML 9Page - NXP Semiconductors PCT2075TP Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
PCT2075
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 21 May 2013
6 of 37
NXP Semiconductors
PCT2075
I2C-bus Fm+ digital temperature sensor and thermal watchdog
7.
Functional description
7.1 General operation
The PCT2075 uses the on-chip band gap sensor to measure the device temperature with
the resolution of 0.125
C and stores the 11-bit two’s complement digital data, resulted
from 11-bit A-to-D conversion, into the device Temp register. This Temp register can be
read at any time by a controller on the I2C-bus. Reading temperature data does not affect
the conversion in progress during the read operation.
The PCT2075 can be set to operate in either mode: normal or shutdown. In normal
operation mode, the temp-to-digital conversion is executed every 100 ms or other
programmed value and the Temp register is updated at the end of each conversion.
During each ‘conversion period’ (Tconv) of about 100 ms, the device takes only about
28 ms, called ‘temperature conversion time’ (tconv(T)), to complete a temperature-to-data
conversion and then becomes idle for the time remaining in the period. This feature is
implemented to significantly reduce the device power dissipation.
In shutdown mode, the device becomes idle, data conversion is disabled and the Temp
register holds the latest result; however, the device I2C-bus interface is still active and
register write/read operation can be performed. The device operation mode is controllable
by programming bit B0 of the configuration register. The temperature conversion is
initiated when the device is powered-up or put back into normal mode from shutdown.
In addition, at the end of each conversion in normal mode, the temperature data (or Temp)
in the Temp register is automatically compared with the overtemperature shutdown
threshold data (or Tots) stored in the Tos register, and the hysteresis data (or Thys) stored
in the Thyst register, in order to set the state of the device OS output accordingly. The
device Tos and Thyst registers are write/read capable, and both operate with 9-bit
two’s complement digital data. To match with this 9-bit operation, the Temp register uses
only the 9 MSB bits of its 11-bit data for the comparison. Tots must always be higher than
Thys.
The way that the OS output responds to the comparison operation depends upon the OS
operation mode selected by configuration bit B1, and the user-defined fault queue defined
by configuration bits B3 and B4.
In OS comparator mode, the OS output behaves like a thermostat. It becomes active
when the Temp exceeds the Tots, and is reset when the Temp drops below the Thys.
Reading the device registers or putting the device into shutdown does not change the
state of the OS output. The OS output in this case can be used to control cooling fans or
thermal switches.
In OS interrupt mode, the OS output is used for thermal interruption. When the device is
powered-up, the OS output is first activated only when the Temp exceeds the Tots, then it
remains active indefinitely until being reset by a read of any register. Once the OS output
has been activated by crossing Tots and then reset, it can be activated again only when
the Temp drops below the Thys; then again, it remains active indefinitely until being reset
by a read of any register. The OS interrupt operation would be continued in this sequence:
Tots trip, Reset, Thys trip, Reset, Tots trip, Reset, Thys trip, Reset, etc. Putting the device
into the shutdown mode by setting the bit 0 of the configuration register also resets the OS
output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com