Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCT2075TP Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCT2075TP
Description  I2C-bus Fm, 1 degree C accuracy, digital temperature sensor and thermal watchdog
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCT2075TP Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCT2075TP Datasheet HTML 10Page - NXP Semiconductors PCT2075TP Datasheet HTML 11Page - NXP Semiconductors PCT2075TP Datasheet HTML 12Page - NXP Semiconductors PCT2075TP Datasheet HTML 13Page - NXP Semiconductors PCT2075TP Datasheet HTML 14Page - NXP Semiconductors PCT2075TP Datasheet HTML 15Page - NXP Semiconductors PCT2075TP Datasheet HTML 16Page - NXP Semiconductors PCT2075TP Datasheet HTML 17Page - NXP Semiconductors PCT2075TP Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
PCT2075
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 21 May 2013
14 of 37
NXP Semiconductors
PCT2075
I2C-bus Fm+ digital temperature sensor and thermal watchdog
The device temperature sensor powers up to measure temperature every 100 ms, with
Tidle = 00001 by default. For the PCT2075 with 11-bit accuracy, the ADC conversion is
about 28 ms. As a result, the PCT2075 will be idle for (100 ms
 28 ms) = 72 ms between
two temperature measurements.
7.5 OS output and polarity
The OS output is an open-drain output and its state represents results of the device
watchdog operation as described in Section 7.1. In order to observe this output state, an
external pull-up resistor is needed. The resistor should be as large as possible, up to
1.5 k
, to minimize the Temp reading error due to internal heating by the high OS sinking
current.
The OS output active state can be selected as HIGH or LOW by programming bit B2
(OS_POL) of register Conf: setting bit OS_POL to logic 1 selects OS active HIGH and
setting bit B2 to logic 0 sets OS active LOW. At power-up, bit OS_POL is equal to logic 0
and the OS active state is LOW.
7.6 OS comparator and interrupt modes
As described in Section 7.1, the device OS output responds to the result of the
comparison between register Temp data and the programmed limits, in registers Tos and
Thyst, in different ways depending on the selected OS mode: OS comparator or
OS interrupt. The OS mode is selected by programming bit B1 (OS_COMP_INT) of
register Conf: setting bit OS_COMP_INT to logic 1 selects the OS interrupt mode, and
setting to logic 0 selects the OS comparator mode. At power-up, bit OS_COMP_INT is
equal to logic 0 and the OS comparator is selected.
The main difference between the two modes is that in OS comparator mode, the OS
output becomes active when Temp has exceeded Tots and reset when Temp has dropped
below Thys, reading a register or putting the device into shutdown mode does not change
the state of the OS output; while in OS interrupt mode, once it has been activated either
by exceeding Tots or dropping below Thys, the OS output will remain active indefinitely until
reading a register, then the OS output is reset.
Temperature limits Tots and Thys must be selected so that Tots > Thys. Otherwise, the OS
output state will be undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com