Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCT2075TP Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCT2075TP
Description  I2C-bus Fm, 1 degree C accuracy, digital temperature sensor and thermal watchdog
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCT2075TP Datasheet(HTML) 3 Page - NXP Semiconductors

  PCT2075TP Datasheet HTML 1Page - NXP Semiconductors PCT2075TP Datasheet HTML 2Page - NXP Semiconductors PCT2075TP Datasheet HTML 3Page - NXP Semiconductors PCT2075TP Datasheet HTML 4Page - NXP Semiconductors PCT2075TP Datasheet HTML 5Page - NXP Semiconductors PCT2075TP Datasheet HTML 6Page - NXP Semiconductors PCT2075TP Datasheet HTML 7Page - NXP Semiconductors PCT2075TP Datasheet HTML 8Page - NXP Semiconductors PCT2075TP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
PCT2075
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 21 May 2013
3 of 37
NXP Semiconductors
PCT2075
I2C-bus Fm+ digital temperature sensor and thermal watchdog
4.
Ordering information
4.1 Ordering options
Table 1.
Ordering information
Type number
Topside
mark
Package
Name
Description
Version
PCT2075D
PCT2075
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
PCT2075DP
P2075
TSSOP8
plastic thin shrink small outline package; 8 leads;
body width 3 mm
SOT505-1
PCT2075DP/Q900
P2075
TSSOP8
plastic thin shrink small outline package; 8 leads;
body width 3 mm
SOT505-1
PCT2075TP
075
HWSON8
plastic thermal enhanced very very thin small outline package;
no leads; 8 terminals, 2
 3  0.8 mm
SOT1069-2
PCT2075GV
075
TSOP6
plastic thin small outline package; 6 leads
SOT1353-1
Table 2.
Ordering options
Type number
Orderable
part number
Package
Packing method
Minimum
order
quantity
Temperature
PCT2075D
PCT2075D,118
SO8
Reel 13” Q1/T1
*standard mark SMD
2500
Tamb = 55 C to +125 C
PCT2075DP
PCT2075DP,118
TSSOP8
Reel 13” Q1/T1
*standard mark SMD
2500
Tamb = 55 C to +125 C
PCT2075DP/Q900
PCT2075DP/Q900J
TSSOP8
Reel 13” Q1/T1
*standard mark SMD
2500
Tamb = 55 C to +125 C
PCT2075TP
PCT2075TP,147
HWSON8
Reel 7” Q2/T3
*standard mark
4000
Tamb = 55 C to +125 C
PCT2075GV
PCT2075GVH
TSOP6
Reel 7” Q3/T4
*standard mark
3000
Tamb = 55 C to +125 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com