Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1716E/2K Datasheet(PDF) 3 Page - Texas Instruments

Part # PCM1716E/2K
Description  24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1716E/2K Datasheet(HTML) 3 Page - Texas Instruments

  PCM1716E/2K Datasheet HTML 1Page - Texas Instruments PCM1716E/2K Datasheet HTML 2Page - Texas Instruments PCM1716E/2K Datasheet HTML 3Page - Texas Instruments PCM1716E/2K Datasheet HTML 4Page - Texas Instruments PCM1716E/2K Datasheet HTML 5Page - Texas Instruments PCM1716E/2K Datasheet HTML 6Page - Texas Instruments PCM1716E/2K Datasheet HTML 7Page - Texas Instruments PCM1716E/2K Datasheet HTML 8Page - Texas Instruments PCM1716E/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
®
3
PCM1716
PIN
NAME
I/O
DESCRIPTION
1
LRCIN
IN
Left and Right Clock Input. This clock is equal to
the sampling rate - fS.(1)
2
DIN
IN
Serial Audio Data Input(1)
3
BCKIN
IN
Bit Clock Input for Serial Audio Data.(1)
4
CLKO
OUT
Buffered Output of Oscillator. Equivalent to
System Clock.
5
XTI
IN
Oscillator Input (External Clock Input)
6
XTO
OUT
Oscillator Output
7
DGND
—
Digital Ground
8VDD
—
Digital Power +5V
9VCC2R
—
Analog Power +5V
10
AGND2R
—
Analog Ground
11
EXTR
OUT
Rch, Common Pin of Analog Output Amp
12
NC
—
No Connection
13
VOUTR
OUT
Rch, Analog Voltage Output of Audio Signal
14
AGND1
—
Analog Ground
15
VCC1
—
Analog Power +5V
16
VOUTL
OUT
Lch, Analog Voltage Output of Audio Signal
17
NC
—
No Connection
18
EXTL
OUT
Lch, Common Pin of Analog Output Amp
19
AGND2L
—
Analog Ground
20
VCC2L
—
Analog Power +5V
21
ZERO
OUT
Zero Data Flag
22
RST
IN
Reset. When this pin is low, the DF and
modulators are held in reset.(2)
23
CS/IWO
IN
Chip Select/Input Format Selection. When this
pin is low, the Mode Control is effective.(3)
24
MODE
IN
Mode Control Select. (H: Software, L: Hardware)(2)
25
MUTE
IN
Mute Control
26
MD/DM0
IN
Mode Control, DATA/De-emphasis Selection 1(2)
27
MC/DM1
IN
Mode Control, BCK/De-emphasis Selection 2(2)
28
ML/I2S
IN
Mode Control, WDCK/Input Format Selection(2)
NOTES: (1) Pins 1, 2, 3; Schmitt Trigger input. (2) Pins 22, 24, 25, 26, 27,
28; Schmitt Trigger input with pull-up resister. (3) Pin 23; Schmitt Trigger
input with pull-down resister.
PIN ASSIGNMENTS
PIN CONFIGURATION
LRCIN
DIN
BCKIN
CLKO
XTI
XTO
DGND
V
DD
V
CC2R
AGND2R
EXTR
NC
V
OUTR
AGND1
ML/IIS
MC/DM1
MD/DM0
MUTE
MODE
CS/IWO
RST
ZERO
V
CC2L
AGND2L
EXTL
NC
V
OUTL
V
CC1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
PCM1716E
PACKAGE DRAWING
PRODUCT
PACKAGE
NUMBER(1)
PCM1716E
28-Pin SSOP
324
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.
PACKAGE INFORMATION
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
Power Supply Voltage ...................................................................... +6.5V
+VCC to +VDD Difference ................................................................... ±0.1V
Input Logic Voltage .................................................. –0.3V to (VDD + 0.3V)
Input Current (except power supply) ...............................................
±10mA
Power Dissipation .......................................................................... 400mW
Operating Temperature Range ......................................... –25
°C to +85°C
Storage Temperature ...................................................... –55
°C to +125°C
Lead Temperature (soldering, 5s) ................................................. +260
°C
ABSOLUTE MAXIMUM RATINGS
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com