Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1716E/2K Datasheet(PDF) 9 Page - Texas Instruments

Part # PCM1716E/2K
Description  24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1716E/2K Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCM1716E/2K Datasheet HTML 5Page - Texas Instruments PCM1716E/2K Datasheet HTML 6Page - Texas Instruments PCM1716E/2K Datasheet HTML 7Page - Texas Instruments PCM1716E/2K Datasheet HTML 8Page - Texas Instruments PCM1716E/2K Datasheet HTML 9Page - Texas Instruments PCM1716E/2K Datasheet HTML 10Page - Texas Instruments PCM1716E/2K Datasheet HTML 11Page - Texas Instruments PCM1716E/2K Datasheet HTML 12Page - Texas Instruments PCM1716E/2K Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
®
9
PCM1716
Input Audio Data Format
Input data format can be selected by I2S (pin 28) and IWO
(pin 23)
DM1 (Pin 27)
DM0 (Pin 26)
DE-EMPHASIS
L
L
OFF
L
H
48kHz
H
L
44.1kHz
H
H
32kHz
TABLE IV. De-emphasis Control.
I2S (Pin 28)
IWO (Pin 23)
DATA FORMAT
L
L
16-Bit Data Word, Normal, Right Justified
L
H
20-Bit Data Word, Normal, Right Justified
H
L
16-Bit Data Word, I2S Format
H
H
24-Bit Data Word, I2S Format
TABLE V. Data Format Control.
SOFT MUTE
Soft Mute function can be controlled by MUTE (pin 25)
SOFTWARE MODE (MODE = H)
PCM1716’s special functions at software mode is shown in
Table VI. These functions are controlled using a ML, MC,
MD serial control signal.
MUTE (Pin 25)
SOFT MUTE
L
Mute ON
H
Mute OFF (Normal Operation)
FUNCTION
DEFAULT MODE
Input Audio Data Format Selection
Standard Format
Left Justified
Standard Format
I2S Format
Input Audio Data Bit Selection
16-Bit
16-Bit
20-Bit
24-Bit
Input LRCIN Polarity Selection
Lch/Rch = High/Low
Lch/Rch = High/Low
Lch/Rch = Low/High
De-emphasis Control
OFF
Soft Mute Control
OFF
Attenuation Control
Lch, Rch Individually
0dB, Individual
Lch, Rch Common
Infinite Zero Mute Control
Not Operated
DAC Operation Control
Operated
Sampling Rate Selection for De-emphasis
Standard Frequency
44.1kHz
44.1kHz
48kHz
32kHz
Slow Roll-Off Selection
Not Selected
(Sharp Roll-Off)
Output Phase Selection
Not Inverted
CLK0 Output Selection
Input Frequency
TABLE VI. Selectable Functions and Default.
PROGRAM REGISTER BIT MAPPING
PCM1716’s special functions are controlled using four pro-
gram registers which are 16 bits long. These registers are all
loaded using MD. After the 16 data bits are clocked in, ML
is used to latch in the data to the appropriate register. Table
VII shows the complete mapping of the four registers and
Figure 7 illustrates the serial interface timing.
MAPPING OF PROGRAM REGISTERS
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
MODE0
res
res
res
res
res
A1
A0
LDL
AL7
AL6
AL5
AL4
AL3
AL2
AL1
AL0
MODE1
res
res
res
res
res
A1
A0
LDR
AR7
AR6
AR5
AR4
AR3
AR2
AR1
AR0
MODE2
res
res
res
res
res
A1
A0
res
res
res
res
IW1
IW0
OPE
DEM
MUT
MODE3
res
res
res
res
res
A1
A0
IZD
SF1
SF0
CK0
REV
SR0
ATC
LRP
I2S
FIGURE 7. Three-Wire Serial Interface.
B15 B14 B13 B12 B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0
ML (pin 28)
MC (pin 27)
MD (pin 26)
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com