Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1716E/2K Datasheet(PDF) 1 Page - Texas Instruments

Part # PCM1716E/2K
Description  24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1716E/2K Datasheet(HTML) 1 Page - Texas Instruments

  PCM1716E/2K Datasheet HTML 1Page - Texas Instruments PCM1716E/2K Datasheet HTML 2Page - Texas Instruments PCM1716E/2K Datasheet HTML 3Page - Texas Instruments PCM1716E/2K Datasheet HTML 4Page - Texas Instruments PCM1716E/2K Datasheet HTML 5Page - Texas Instruments PCM1716E/2K Datasheet HTML 6Page - Texas Instruments PCM1716E/2K Datasheet HTML 7Page - Texas Instruments PCM1716E/2K Datasheet HTML 8Page - Texas Instruments PCM1716E/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Serial
Input
I/F
Mode
Control
I/F
8X Oversampling
Digital Filter with
Function
Controller
Crystal/OSC
XTI
SCK
XTO
CLKO
V
CC1 AGND1
V
DD
DGND
Enhanced
Multi-level
Delta-Sigma
Modulator
V
OUTL
EXTL
Open Drain
DAC
Low-pass
Filter
Low-pass
Filter
BPZ-Cont.
V
OUTR
EXTR
ZERO
DAC
MC/DM1
ML/IIS
LRCIN
DIN
BCKIN
CS/IWO
MD/DM0
MODE
MUTE
RST
Power Supply
24-Bit, 96kHz Sampling
CMOS Delta-Sigma Stereo Audio
DIGITAL-TO-ANALOG CONVERTER
49%
FPO
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
PCM1716
®
TM
DESCRIPTION
The PCM1716 is designed for Mid to High grade
Digital Audio applications which achieve 96kHz sam-
pling rates with 24-bit audio data. PCM1716 uses a
newly developed, enhanced multi-level delta-sigma
modulator architecture that improves audio dynamic
performance and reduces jitter sensitivity in actual
applications.
The internal digital filter operates at 8x over sampling
at a 96kHz sampling rate, with two kinds of roll-off
performances that can be selected: sharp roll-off, or
slow roll-off, as required for specific applications.
PCM1716 is suitable for Mid to High grade audio
applications such as CD, DVD-Audio, and Music
Instruments, since the device has superior audio
dynamic performance, 24-bit resolution and 96kHz
sampling.
FEATURES
q ENHANCED MULTI-LEVEL DELTA-SIGMA DAC
q SAMPLING FREQUENCY (f
s): 16kHz - 96kHz
q INPUT AUDIO DATA WORD:
16-, 20-, 24-Bit
q HIGH PERFORMANCE:
THD+N: –96dB
Dynamic Range: 106dB
SNR: 106dB
Analog Output Range: 0.62 x V
CC (Vp-p)
q 8x OVERSAMPLING DIGITAL FILTER:
Stop Band Attenuation: –82dB
Passband Ripple:
±0.002dB
Slow Roll Off
q MULTI FUNCTIONS:
Digital De-emphasis
L/R Independent Digital Attenuation
Soft Mute
Zero Detect Mute
Zero Flag
Chip Select
Reversible Output Phase
q +5V SINGLE SUPPLY OPERATION
q SMALL 28-LEAD SSOP PACKAGE
© 1997 Burr-Brown Corporation
PDS-1415C
Printed in U.S.A. August, 1998
PCM1716
SBAS080
Not Recommended For New Designs


Similar Part No. - PCM1716E/2K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1716E/2K TI1-PCM1716E/2K Datasheet
557Kb / 18P
24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1716E/2KG4 TI1-PCM1716E/2KG4 Datasheet
557Kb / 18P
24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1716E/2K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1600 BURR-BROWN-PCM1600 Datasheet
253Kb / 28P
24-Bit, 96kHz Sampling, 6-Channel, Enhanced Multi-Level, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PCM1716 BURR-BROWN-PCM1716 Datasheet
222Kb / 14P
24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1728 BURR-BROWN-PCM1728 Datasheet
185Kb / 11P
24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1744 BURR-BROWN-PCM1744 Datasheet
83Kb / 9P
24 Bits, 96kHz, Sampling Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1742 BURR-BROWN-PCM1742 Datasheet
322Kb / 20P
24-Bit, 192kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
PCM1748 BURR-BROWN-PCM1748 Datasheet
323Kb / 20P
24-Bit, 96kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
PCM1741 BURR-BROWN-PCM1741 Datasheet
325Kb / 20P
3.3V Single-Supply, 24-Bit, 96kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1716E TI1-PCM1716E Datasheet
557Kb / 18P
24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1744U TI1-PCM1744U Datasheet
269Kb / 13P
24 Bits, 96kHz, Sampling Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1742 TI-PCM1742_15 Datasheet
673Kb / 38P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma,Audio Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com