Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5707APHPR Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5707APHPR
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5707APHPR Datasheet(HTML) 29 Page - Texas Instruments

Back Button TAS5707APHPR Datasheet HTML 25Page - Texas Instruments TAS5707APHPR Datasheet HTML 26Page - Texas Instruments TAS5707APHPR Datasheet HTML 27Page - Texas Instruments TAS5707APHPR Datasheet HTML 28Page - Texas Instruments TAS5707APHPR Datasheet HTML 29Page - Texas Instruments TAS5707APHPR Datasheet HTML 30Page - Texas Instruments TAS5707APHPR Datasheet HTML 31Page - Texas Instruments TAS5707APHPR Datasheet HTML 32Page - Texas Instruments TAS5707APHPR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 58 page
background image
2
Bit
–23
S_xx.xxxx_xxxx_xxxx_xxxx_xxxx_xxx
2
Bit
–5
2
Bit
–1
2 Bit
0
SignBit
2 Bit
1
M0125-01
TAS5707, TAS5707A
www.ti.com
SLOS556B – NOVEMBER 2008 – REVISED NOVEMBER 2009
BANK SWITCHING
The TAS5707 uses an approach called bank switching together with automatic sample-rate detection. All
processing features that must be changed for different sample rates are stored internally in three banks. The
user can program which sample rates map to each bank. By default, bank 1 is used in 32kHz mode, bank 2 is
used in 44.1/48 kHz mode, and bank 3 is used for all other rates. Combined with the clock-rate autodetection
feature, bank switching allows the TAS5707 to detect automatically a change in the input sample rate and switch
to the appropriate bank without any MCU intervention.
An external controller configures bankable locations (0x29-0x36 and 0x3A-0x3C) for all three banks during the
initialization sequence.
If auto bank switching is enabled (register 0x50, bits 2:0) , then the TAS5707 automatically swaps the coefficients
for subsequent sample rate changes, avoiding the need for any external controller intervention for a sample rate
change.
By default, bits 2:0 have the value 000; indicating that bank switching is disabled. In that state, updates to
bankable locations take immediate effect. A write to register 0x50 with bits 2:0 being 001, 010, or 011 brings the
system into the coefficient-bank-update state update bank1, update bank2, or update bank3, respectively. Any
subsequent write to bankable locations updates the coefficient banks stored outside the DAP. After updating all
the three banks, the system controller should issue a write to register 0x50 with bits 2:0 being 100; this changes
the system state to automatic bank switching mode. In automatic bank switching mode, the TAS5707
automatically swaps banks based on the sample rate.
Command sequences for updating DAP coefficients can be summarized as follows:
1.
Bank switching disabled (default): DAP coefficient writes take immediate effect and are not
influenced by subsequent sample rate changes.
OR
Bank switching enabled:
(a)
Update bank-1 mode: Write "001" to bits 2:0 of reg 0x50. Load the 32 kHz coefficients.
(b)
Update bank-2 mode: Write "010" to bits 2:0 of reg 0x50. Load the 48 kHz coefficients.
(c)
Update bank-3 mode: Write "011" to bits 2:0 of reg 0x50. Load the other coefficients.
(d)
Enable automatic bank switching by writing "100" to bits 2:0 of reg 0x50.
26-Bit 3.23 Number Format
All mixer gain coefficients are 26-bit coefficients using a 3.23 number format. Numbers formatted as 3.23
numbers means that there are 3 bits to the left of the decimal point and 23 bits to the right of the decimal point.
This is shown in Figure 33 .
Figure 33. 3.23 Format
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): TAS5707 TAS5707A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com