Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5707APHPR Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5707APHPR
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5707APHPR Datasheet(HTML) 45 Page - Texas Instruments

Back Button TAS5707APHPR Datasheet HTML 41Page - Texas Instruments TAS5707APHPR Datasheet HTML 42Page - Texas Instruments TAS5707APHPR Datasheet HTML 43Page - Texas Instruments TAS5707APHPR Datasheet HTML 44Page - Texas Instruments TAS5707APHPR Datasheet HTML 45Page - Texas Instruments TAS5707APHPR Datasheet HTML 46Page - Texas Instruments TAS5707APHPR Datasheet HTML 47Page - Texas Instruments TAS5707APHPR Datasheet HTML 48Page - Texas Instruments TAS5707APHPR Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 58 page
background image
TAS5707, TAS5707A
www.ti.com
SLOS556B – NOVEMBER 2008 – REVISED NOVEMBER 2009
OSCILLATOR TRIM REGISTER (0x1B)
The TAS5707 PWM processor contains an internal oscillator to support autodetect of I2S clock rates. This
reduces system cost because an external reference is not required. Currently, TI recommends a reference
resistor value of 18.2 k
Ω (1%). This should be connected between OSC_RES and DVSSO.
Writing 0X00 to reg 0X1B enables the trim that was programmed at the factory.
Note that trim must always be run following reset of the device.
Table 18. Oscillator Trim Register (0x1B)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
1
–
–
–
–
–
–
–
Reserved (1)
–
0
–
–
–
–
–
–
Oscillator trim not done (read-only) (1)
–
1
–
–
–
–
–
–
Oscillator trim done (read only)
–
–
0
0
0
0
–
–
Reserved (1)
–
–
–
–
–
–
0
–
Select factory trim (Write a 0 to select factory trim; default is 1.)
–
–
–
–
–
–
1
–
Factory trim disabled (1)
–
–
–
–
–
–
–
0
Reserved (1)
(1)
Default values are in bold.
BKND_ERR REGISTER (0x1C)
When a back-end error signal is received from the internal power stage, the power stage is reset stopping all
PWM activity. Subsequently, the modulator waits approximately for the time listed in Table 19 before attempting
to re-start the power stage.
Table 19. BKND_ERR Register (0x1C)(1)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
0
0
0
0
X
Reserved
–
–
–
–
0
0
1
0
Set back-end reset period to 299 ms (2)
–
–
–
–
0
0
1
1
Set back-end reset period to 449 ms
–
–
–
–
0
1
0
0
Set back-end reset period to 598 ms
–
–
–
–
0
1
0
1
Set back-end reset period to 748 ms
–
–
–
–
0
1
1
0
Set back-end reset period to 898 ms
–
–
–
–
0
1
1
1
Set back-end reset period to 1047 ms
–
–
–
–
1
0
0
0
Set back-end reset period to 1197 ms
–
–
–
–
1
0
0
1
Set back-end reset period to 1346 ms
–
–
–
–
1
0
1
X
Set back-end reset period to 1496 ms
–
–
–
–
1
1
X
X
Set back-end reset period to 1496 ms
(1)
This register can be written only with a "non-Reserved" value. Also this register can be written once after the reset.
(2)
Default values are in bold.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Link(s): TAS5707 TAS5707A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com