Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5707APHPR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5707APHPR
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5707APHPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5707APHPR Datasheet HTML 5Page - Texas Instruments TAS5707APHPR Datasheet HTML 6Page - Texas Instruments TAS5707APHPR Datasheet HTML 7Page - Texas Instruments TAS5707APHPR Datasheet HTML 8Page - Texas Instruments TAS5707APHPR Datasheet HTML 9Page - Texas Instruments TAS5707APHPR Datasheet HTML 10Page - Texas Instruments TAS5707APHPR Datasheet HTML 11Page - Texas Instruments TAS5707APHPR Datasheet HTML 12Page - Texas Instruments TAS5707APHPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
TAS5707, TAS5707A
www.ti.com
SLOS556B – NOVEMBER 2008 – REVISED NOVEMBER 2009
PLL INPUT PARAMETERS AND EXTERNAL FILTER COMPONENTS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fMCLKI
MCLK Frequency
2.8224
24.576
MHz
MCLK duty cycle
40%
50%
60%
tr /
Rise/fall time for MCLK
5
ns
tf(MCLK)
LRCLK allowable drift before LRCLK reset
4
MCLKs
External PLL filter capacitor C1
SMD 0603 Y5V
47
nF
External PLL filter capacitor C2
SMD 0603 Y5V
4.7
nF
External PLL filter resistor R
SMD 0603, metal film
470
Ω
ELECTRICAL CHARACTERISTICS
DC Characteristics
TA = 25°, PVCC_X = 18V, DVDD = AVDD = 3.3V, RL= 8Ω, BTL AD Mode, FS = 48KHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
FAULTZ and SDA
IOH = –4 mA
2.4
V
DVDD = AVDD = 3 V
VOL
Low-level output voltage
FAULTZ and SDA
IOL = 4 mA
0.5
V
DVDD = AVDD = 3 V
VI < VIL ; DVDD = AVDD
75
IIL
Low-level input current
μA
= 3.6V
VI > VIH ; DVDD =
75
IIH
High-level input current
μA
AVDD = 3.6V
Normal Mode
48
83
3.3 V supply voltage (DVDD,
IDD
3.3 V supply current
mA
Reset (RESET = low,
24
32
AVDD)
PDN = high)
Normal Mode
30
55
IPVDD
Half-bridge supply current
No load (PVDD_X)
mA
Reset (RESET = low,
5
13
PDN = high)
Drain-to-source resistance, LS TJ = 25°C, includes metallization resistance
180
rDS(on)
(1)
m
Ω
Drain-to-source resistance,
TJ = 25°C, includes metallization resistance
180
HS
I/O Protection
Vuvp
Undervoltage protection limit
PVDD falling
7.2
V
Vuvp,hyst
Undervoltage protection limit
PVDD rising
7.6
V
OTE(2)
Overtemperature error
150
°C
Extra temperature drop
OTEHYST
(2)
30
°C
required to recover from error
OTW
Overtemperature warning
125
°C
Temperature drop required to
OTWHYST
25
°C
recover from warning
OLPC
Overload protection counter
fPWM = 384 kHz
0.63
ms
IOC
Overcurrent limit protection
Resistor—programmable, max. current, ROCP = 22 kΩ
4.5
A
IOCT
Overcurrent response time
150
ns
OC programming resistor
Resistor tolerance = 5% for typical value; the minimum
ROCP
20
22
k
Ω
range
resistance should not be less than 20 k
Ω.
Internal pulldown resistor at
Connected when drivers are tristated to provide bootstrap
RPD
3
k
Ω
the output of each half-bridge
capacitor charge.
(1)
This does not include bond-wire or pin resistance.
(2)
Specified by design
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TAS5707 TAS5707A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com