Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5707APHPR Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5707APHPR
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5707APHPR Datasheet(HTML) 37 Page - Texas Instruments

Back Button TAS5707APHPR Datasheet HTML 33Page - Texas Instruments TAS5707APHPR Datasheet HTML 34Page - Texas Instruments TAS5707APHPR Datasheet HTML 35Page - Texas Instruments TAS5707APHPR Datasheet HTML 36Page - Texas Instruments TAS5707APHPR Datasheet HTML 37Page - Texas Instruments TAS5707APHPR Datasheet HTML 38Page - Texas Instruments TAS5707APHPR Datasheet HTML 39Page - Texas Instruments TAS5707APHPR Datasheet HTML 40Page - Texas Instruments TAS5707APHPR Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 58 page
background image
TAS5707, TAS5707A
www.ti.com
SLOS556B – NOVEMBER 2008 – REVISED NOVEMBER 2009
CLOCK CONTROL REGISTER (0x00)
The clocks and data rates are automatically determined by the TAS5707. The clock control register contains the
auto-detected clock status. Bits D7–D5 reflect the sample rate. Bits D4–D2 reflect the MCLK frequency. The
device accepts a 64-fS or 32-fS SCLK rate for all MCLK rates, but accepts a 48-fS SCLK rate for MCLK rates of
192 fS and 384 fS only.
Table 5. Clock Control Register (0x00)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
–
–
–
–
–
fS = 32-kHz sample rate
0
0
1
–
–
–
–
–
Reserved(1)
0
1
0
–
–
–
–
–
Reserved(1)
0
1
1
–
–
–
–
–
fS = 44.1/48-kHz sample rate
(2)
1
0
0
–
–
–
–
–
fs = 16-kHz sample rate
1
0
1
–
–
–
–
–
fs = 22.05/24 -kHz sample rate
1
1
0
–
–
–
–
–
fs = 8-kHz sample rate
1
1
1
–
–
–
–
–
fs = 11.025/12 -kHz sample rate
–
–
–
0
0
0
–
–
MCLK frequency = 64 × fS
(3)
–
–
–
0
0
1
–
–
MCLK frequency = 128 × fS
(3)
–
–
–
0
1
0
–
–
MCLK frequency = 192 × fS
(4)
–
–
–
0
1
1
–
–
MCLK frequency = 256 × fS
(2) (5)
–
–
–
1
0
0
–
–
MCLK frequency = 384 × fS
–
–
–
1
0
1
–
–
MCLK frequency = 512 × fS
–
–
–
1
1
0
–
–
Reserved(1)
–
–
–
1
1
1
–
–
Reserved(1)
–
–
–
–
–
–
0
–
Reserved(1)
–
–
–
–
–
–
–
0
Reserved(1)
(1)
Reserved registers should not be accessed.
(2)
Default values are in bold.
(3)
Only available for 44.1 kHz and 48 kHz rates.
(4)
Rate only available for 32/44.1/48 KHz sample rates
(5)
Not available at 8 kHz
DEVICE ID REGISTER (0x01)
The device ID register contains the ID code for the firmware revision.
Table 6. General Status Register (0x01)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
X
–
–
–
–
–
–
–
Reserved
–
1
1
1
0
0
0
0
Identification code
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Link(s): TAS5707 TAS5707A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com