Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5707APHPR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5707APHPR
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5707APHPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS5707APHPR Datasheet HTML 7Page - Texas Instruments TAS5707APHPR Datasheet HTML 8Page - Texas Instruments TAS5707APHPR Datasheet HTML 9Page - Texas Instruments TAS5707APHPR Datasheet HTML 10Page - Texas Instruments TAS5707APHPR Datasheet HTML 11Page - Texas Instruments TAS5707APHPR Datasheet HTML 12Page - Texas Instruments TAS5707APHPR Datasheet HTML 13Page - Texas Instruments TAS5707APHPR Datasheet HTML 14Page - Texas Instruments TAS5707APHPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
t
h1
t
su1
t
(edge)
t
su2
t
h2
SCLK
(Input)
LRCLK
(Input)
SDIN
T0026-04
t
r
t
f
TAS5707, TAS5707A
www.ti.com
SLOS556B – NOVEMBER 2008 – REVISED NOVEMBER 2009
SERIAL AUDIO PORTS SLAVE MODE
over recommended operating conditions (unless otherwise noted)
TEST
PARAMETER
MIN
TYP
MAX
UNIT
CONDITIONS
fSCLKIN
Frequency, SCLK 32 × fS, 48 × fS, 64 × fS
CL = 30 pF
1.024
12.288
MHz
tsu1
Setup time, LRCLK to SCLK rising edge
10
ns
th1
Hold time, LRCLK from SCLK rising edge
10
ns
tsu2
Setup time, SDIN to SCLK rising edge
10
ns
th2
Hold time, SDIN from SCLK rising edge
10
ns
LRCLK frequency
8
48
48
kHz
SCLK duty cycle
40%
50%
60%
LRCLK duty cycle
40%
50%
60%
SCLK
SCLK rising edges between LRCLK rising edges
32
64
edges
t(edge)
SCLK
LRCLK clock edge with respect to the falling edge of SCLK
–1/4
1/4
period
tr /
ns
Rise/fall time for SCLK/LRCLK
8
tf(SCLK/LRCLK)
Figure 2. Slave Mode Serial Data Interface Timing
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TAS5707 TAS5707A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com