Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAVRISP2 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATAVRISP2
Description  AVR069: AVRISP mkII Communication Protocol
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAVRISP2 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATAVRISP2 Datasheet HTML 6Page - ATMEL Corporation ATAVRISP2 Datasheet HTML 7Page - ATMEL Corporation ATAVRISP2 Datasheet HTML 8Page - ATMEL Corporation ATAVRISP2 Datasheet HTML 9Page - ATMEL Corporation ATAVRISP2 Datasheet HTML 10Page - ATMEL Corporation ATAVRISP2 Datasheet HTML 11Page - ATMEL Corporation ATAVRISP2 Datasheet HTML 12Page - ATMEL Corporation ATAVRISP2 Datasheet HTML 13Page - ATMEL Corporation ATAVRISP2 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
AVR069
8015B-AVR-02/06
Table 3-27. Command form
Field
Size
Value
Description
Command ID
1 byte
CMD_PROGRAM_FUSE_ISP
Command id
cmd1
1 byte
Command Byte #1
cmd2
1 byte
Command Byte #2
cmd3
1 byte
Command Byte #3
cmd4
1 byte
Command Byte #4
Note:
cmd1, cmd2, cmd3 and cmd4 are the four bytes of the low-level program fuse ISP
command.
Table 3-28. Answer format
Field
Size
Value
Description
Answer ID
1 byte
CMD_PROGRAM_FUSE_ISP
Answer id
Status1
1 byte
STATUS_CMD_OK
Will always read OK
Status2
1 byte
STATUS_CMD_OK
Will always read OK
3.2.9 CMD_READ_FUSE_ISP
This command reads the fuses of the target device.
Table 3-29. Command form
Field
Size
Value
Description
Command ID
1 byte
CMD_READ_FUSE_ISP
Command id
RetAddr
1 byte
XML: pollIndex
Return address
cmd1
1 byte
Command Byte #1
cmd2
1 byte
Command Byte #2
cmd3
1 byte
Command Byte #3
cmd4
1 byte
Command Byte #4
Note:
RetAddr indicates after which of the transmitted bytes on the SPI interface to store
the return byte, as the SPI interface is implemented as a ring buffer (one byte out,
one byte in)
Table 3-30. Answer format
Field
Size
Value
Description
Answer ID
1 byte
CMD_READ_FUSE_ISP
Answer id
Status1
1 byte
STATUS_CMD_OK
A status value indicating the
result of the operation, always
OK
data
1 byte
The fuse byte read from the
device
Status2
1 byte
STATUS_CMD_OK
A status value indicating the
result of the operation, always
OK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com