Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAVRISP2 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATAVRISP2
Description  AVR069: AVRISP mkII Communication Protocol
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAVRISP2 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATAVRISP2 Datasheet HTML 7Page - ATMEL Corporation ATAVRISP2 Datasheet HTML 8Page - ATMEL Corporation ATAVRISP2 Datasheet HTML 9Page - ATMEL Corporation ATAVRISP2 Datasheet HTML 10Page - ATMEL Corporation ATAVRISP2 Datasheet HTML 11Page - ATMEL Corporation ATAVRISP2 Datasheet HTML 12Page - ATMEL Corporation ATAVRISP2 Datasheet HTML 13Page - ATMEL Corporation ATAVRISP2 Datasheet HTML 14Page - ATMEL Corporation ATAVRISP2 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AVR069
11
8015B-AVR-02/06
3.2.10 CMD_PROGRAM_LOCK_ISP
See CMD_PROGRAM_FUSE. This command is basically the same as the program
fuse command, only that ISP commands for programming the lock byte must be
supplied.
3.2.11 CMD_READ_LOCK_ISP
See CMD_READ_FUSE. This command is basically the same as the read fuse
command, only that ISP commands for reading the lock byte must be supplied.
3.2.12 CMD_READ_SIGNATURE_ISP
See CMD_READ_FUSE. This command is basically the same as the read fuse
command, only that ISP commands for reading one of the signature bytes must be
supplied.
3.2.13 CMD_READ_OSCCAL_ISP
See CMD_READ_FUSE. This command is basically the same as the read fuse
command, only that ISP commands for reading the OSCCAL byte must be supplied.
3.2.14 CMD_SPI_MULTI
This is a generic command that can be used to execute any of the ISP commands.
The command writes a number of bytes to the SPI bus, and returns a number of
bytes.
Table 3-31. Command format
Field
Size
Value
Description
Command ID
1 byte
CMD_SPI_MULTI
Command ID
NumTx
1 byte
0-255
Number of bytes to transmit
NumRx
1 byte
0-255
Number of bytes to receive
RxStartAddr
1 byte
Start address of returned data.
Specifies on what transmitted byte
the response is to be stored and
returned.
TxData
0-255
bytes
The data be transmitted. The size
is specified by NumTx
Note:
If the number of bytes to receive is greater than number of bytes to transmit, then the
firmware will pad with the necessary 0x00 bytes. This is in order to save time-
consuming transfer from PC to the programmer.
Table 3-32. Answer format
Field
Size
Value
Description
Answer ID
1 byte
CMD_SPI_MULTI
Answer id
Status1
1 byte
STATUS_CMD_OK
Will always read OK
data
0-255
bytes
The data read from the ISP bus as
indicated in the command
Status2
1 byte
STATUS_CMD_OK
Will always read OK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com