Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAVRISP2 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATAVRISP2
Description  AVR069: AVRISP mkII Communication Protocol
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAVRISP2 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATAVRISP2 Datasheet HTML 2Page - ATMEL Corporation ATAVRISP2 Datasheet HTML 3Page - ATMEL Corporation ATAVRISP2 Datasheet HTML 4Page - ATMEL Corporation ATAVRISP2 Datasheet HTML 5Page - ATMEL Corporation ATAVRISP2 Datasheet HTML 6Page - ATMEL Corporation ATAVRISP2 Datasheet HTML 7Page - ATMEL Corporation ATAVRISP2 Datasheet HTML 8Page - ATMEL Corporation ATAVRISP2 Datasheet HTML 9Page - ATMEL Corporation ATAVRISP2 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
AVR069
8015B-AVR-02/06
Field
Size
Value
Description
Command ID
1 byte
CMD_ENTER_PROG
MODE_ISP
Command id
timeout
1 byte
XML: timeout
Command time-out (in ms)
stabDelay
1 byte
XML: stabDelay
Delay (in ms) used for pin
stabilization
cmdexeDelay
1 byte
XML: cmdexeDelay
Delay (in ms) in connection with the
EnterProgMode command execution
synchLoops
1 byte
XML: synchLoops
Number of synchronization loops
byteDelay
1 byte
XML: byteDelay
Delay (in ms) between each byte in
the EnterProgMode command.
pollValue
(1)
1 byte
XML: pollValue
Poll value:
0x53 for AVR, 0x69 for AT89xx
pollIndex
1 byte
XML: pollIndex
Start address, received byte:
0 = no polling, 3 = AVR, 4 = AT89xx
cmd1
1 byte
Command Byte # 1 to be transmitted
cmd2
1 byte
Command Byte # 2 to be transmitted
cmd3
1 byte
Command Byte # 3 to be transmitted
cmd4
1 byte
Command Byte # 4 to be transmitted
Note:
1. The pollValue parameter indicates after which of the transmitted bytes on the SPI
interface to store the return byte, as the SPI interface is implemented as a ring
buffer (one byte out, one byte in)
Table 3-17. Answer format
Field
Size
Value
Description
Answer ID
1 byte
CMD_ENTER_PROG_M
ODE_ISP
Answer id
Status
1 byte
STATUS_CMD_TOUT,
STATUS_CMD_OK or
STATUS_CMD_FAILED
A status value indicating the result
of the operation
3.2.2 CMD_LEAVE_PROGMODE_ISP
This command will make AVRISP mkII leave programming mode. The device will be
put into normal operating mode.
XML path: /AVRPART/ICE_SETTINGS/AVRISP mkII_2/IspLeaveProgMode/
Table 3-18. Command format
Field
Size
Value
Description
Command ID
1 byte
CMD_LEAVE_PROGMODE_ISP
Command id
preDelay
1 byte
XML: preDelay
Pre-delay (in ms)
postDelay
1 byte
XML: postDelay
Post-delay (in ms)
Table 3-19. Answer format
Field
Size
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com