Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAVRISP2 Datasheet(PDF) 19 Page - ATMEL Corporation

Part # ATAVRISP2
Description  AVR069: AVRISP mkII Communication Protocol
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAVRISP2 Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button ATAVRISP2 Datasheet HTML 15Page - ATMEL Corporation ATAVRISP2 Datasheet HTML 16Page - ATMEL Corporation ATAVRISP2 Datasheet HTML 17Page - ATMEL Corporation ATAVRISP2 Datasheet HTML 18Page - ATMEL Corporation ATAVRISP2 Datasheet HTML 19Page - ATMEL Corporation ATAVRISP2 Datasheet HTML 20Page - ATMEL Corporation ATAVRISP2 Datasheet HTML 21Page - ATMEL Corporation ATAVRISP2 Datasheet HTML 22Page - ATMEL Corporation ATAVRISP2 Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AVR069
19
8015B-AVR-02/06
Table 6-2. Configuration descriptor
Name
Value
Hex
bLength
Valid
0x09
bDescriptorType
CONFIGURATION
0x02
wTotalLength
32 bytes
0x0020
bNumInterface
1
0x01
bConfigurationValue
1
0x01
iConfiguration
0
0x00
bmAttributes. Reserved
Zero
0x00
bmAttributes. RemoteWakeup
Not supported
0x0
bmAttributes. SelfPowered
Yes
0x1
bmAttributes. Reserved7
One
0x1
bMaxPower
200 mA
0x64
Table 6-3. Interface descriptor
Name
Value
Hex
bLength
Valid
0x09
bDescriptorType
INTERFACE
0x04
bInterfaceNumber
0
0x00
bAlternateSetting
0
0x00
bNumEndpoints
2
0x02
bInterfaceClass
Vendor-specific
0xFF
bInterfaceSubClass
Vendor-specific
0x00
bInterfaceProtocol
None
0x00
iInterface
0
0x00
Table 6-4. Endpoint descriptor IN
Name
Value
Hex
bLength
Valid
0x07
bDescriptorType
ENDPOINT
0x05
bEndpointAddress
2 IN
0x82
bmAttributes. TransferType
Bulk
0x2
bmAttributes. Reserved
Zero
0x00
wMaxPacketSize
64 bytes
0x0040
bInterval
Ignored for Bulk endpoints
0x0A
Table 6-5. Endpoint descriptor OUT
Name
Value
Hex
bLength
Valid
0x07
bDescriptorType
ENDPOINT
0x05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com