Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAVRISP2 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # ATAVRISP2
Description  AVR069: AVRISP mkII Communication Protocol
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAVRISP2 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button ATAVRISP2 Datasheet HTML 10Page - ATMEL Corporation ATAVRISP2 Datasheet HTML 11Page - ATMEL Corporation ATAVRISP2 Datasheet HTML 12Page - ATMEL Corporation ATAVRISP2 Datasheet HTML 13Page - ATMEL Corporation ATAVRISP2 Datasheet HTML 14Page - ATMEL Corporation ATAVRISP2 Datasheet HTML 15Page - ATMEL Corporation ATAVRISP2 Datasheet HTML 16Page - ATMEL Corporation ATAVRISP2 Datasheet HTML 17Page - ATMEL Corporation ATAVRISP2 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
AVR069
8015B-AVR-02/06
Bit value
Status
0x04
STATUS_CONN_FAIL_SCK
0x10
STATUS_TGT_NOT_DETECTED
0x20
STATUS_TGT_REVERSE_INSERTED
0x00
STATUS_ISP_READY
The corresponding bit will be set ‘1’ to indicate an error.
That is, if a line is short-circuited, if target is not detected or the plug is inserted with a
reverse orientation.
If the value 0x00 is returned it means the connection is ok.
If any *_CONN_FAIL_* bit is set, the command CMD_RESET_PROTECTION must
be issued.
The parameter should be checked before starting a programming sequence to check
if target connection is correct.
It should also be checked after a programming sequence if the command failed to
check if the operation failed because of a short circuit.
A short circuit can only be detected after the command Enter Progmode has been
issued, because the control circuits of the AVRISP mkII is isolated via switches when
the AVRISP mkII is in idle mode.
3.4.10 PARAM_DISCHARGEDELAY
This parameter sets a time period for which the reset line has a higher resistance for
each time it is toggled.
The purpose is to reduce the maximum current caused by the discharge/recharge of
a decoupling capacitor connected to the reset pin.
When the reset is toggled a resistor of 510ohm will be switched in, which reduces the
peak current to an acceptable level for the internal components of the AVRISP mkII.
The delay should be set to: t>510ohm*C
If no capacitor is connected this parameter could be set to 0.
4 XML Parameter Values
The AVRISP mkII firmware uses parameters extensively for its programming
algorithms. All AVR devices have their own set of parameters. They can be found in
part description files installed with AVR Studio. The part description files are XML files
and can be found in the folder
… \Atmel\AVR Tools\PartDescriptionFiles\



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com