Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CV500-SLK21 Datasheet(PDF) 81 Page - Omron Electronics LLC

Part # CV500-SLK21
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CV500-SLK21 Datasheet(HTML) 81 Page - Omron Electronics LLC

Back Button CV500-SLK21 Datasheet HTML 77Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 78Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 79Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 80Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 81Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 82Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 83Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 84Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 85Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 182 page
background image
68
The reverse dielectric strength of the diode must be 10 times the circuit voltage
and the forward current must be at least as high as that of the load. If the circuit
voltage is low enough, as it is for most electronic circuits, then the reverse dielec-
tric strength of the diode can be as low as 2 to 3 times the circuit voltage.
Inductive load
Power supply
Varistor (AC or DC)
The method uses the fixed voltage characteristics of a varistor to prevent high
voltages from being applied to the contacts. Here, as well, the reset time will be
increase somewhat.
Connect the varistor between the load connections for 24-V and 48-V power
supply voltages and between the contact connections for 100 to 200-V power
supply voltages.
Inductive load
Power supply
Output Surge Current
When connecting an output device having a high surge current (such as an in-
candescent lamp), use one of the following circuit configurations to protect the
Output Unit.
The following circuit lets the load draw a small current (about one third the rated
current) while the output is OFF, significantly reducing the surge current.
OUT
COM
L
R
+
The following circuit reduces the surge current by employing a current-limiting
resistor.
L
OUT
COM
+
R
Compliance with EC Directives
Section 3-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com