| Electronic Components Datasheet Search |
|
CV500-SLK21 Datasheet(PDF) 24 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
CV500-SLK21 Datasheet(HTML) 24 Page - Omron Electronics LLC |
|
24 / 182 page ![]() 11 BASIC Unit The BASIC Unit can be connected to a personal computer to enable communi- cations with the PC using the BASIC programming language. Up to 512 bytes (256 words) of data can be transferred between the BASIC Unit and the CPU by the PC READ/WRITE command without using the PC program. Up to 256 words of data can also be transferred between the BASIC Unit and the PC’s CPU by using the NETWORK SEND and NETWORK RECEIVE (SEND(192)/RECV(193)) instructions in the PC program. Data can also be transferred to other BASIC Units mounted on the same PC, or to BASIC Units mounted to other PCs connected by networks formed using a SYSMAC NET Link or SYSMAC LINK System. RS-232C, RS-422, Centronics, and GPIB interfaces are available. BASIC Unit CV500-BSC j1 Personal computer CV-series CPU Rack/Expansion CPU Rack Personal Computer Unit The Personal Computer Unit is a full-fledged IBM PC/AT compatible that can be used to run independent programming directly on a Rack to eliminate the need for separate installation space. It can run along or connected to any of the normal peripherals supported by IBM PC/AT compatibles (mice, keyboards, monitors, data storage devices, etc.), and as a CPU Bus Unit, the Personal Computer Unit interfaces directly to the PC’s CPU though the CPU bus to eliminate the need for special interface hardware, protocols, or programming. 1-7 New CPUs and Related Units The following new CV-series CPUs and related Units are included in this version of the manual for the first time. Refer to relevant sections of this manual or the CV-series PC Operation Manual: Ladder Diagrams for further details. Unit Model number Main specifications CPU CVM1-CPU01-EV2 I/O capacity: 512 pts; Ladder diagrams only CVM1-CPU11-EV2 I/O capacity: 1,024 pts; Ladder diagrams only CVM1-CPU21-EV2 I/O capacity: 2,048 pts; Ladder diagrams only CV500-CPU01-EV1 I/O capacity: 512 pts; Ladder diagrams or SFC + ladder diagrams CV1000-CPU01-EV1 I/O capacity: 1,024 pts; Ladder diagrams or SFC + ladder diagrams CV2000-CPU01-EV1 I/O capacity: 2,048 pts; Ladder diagrams or SFC + ladder diagrams Temperature Controller Data Link Unit CV500-TDL21 Connects up to 64 temperature control devices via 2 ports. New CPUs and Related Units Section 1-7 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |