| Electronic Components Datasheet Search |
|
CV500-SLK21 Datasheet(PDF) 37 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
CV500-SLK21 Datasheet(HTML) 37 Page - Omron Electronics LLC |
|
37 / 182 page ![]() 24 Note The Units in the following table can be mounted to the CV500-BC101 CPU Back- plane if a CV500-IC jjj I/O Control Unit and CV500-IIjjj I/O Interface Unit are used. If an I/O Control Unit is not used, only one Expansion I/O Rack can be connected and a total of eight Units maximum can be mounted to the PC regard- less of the Rack to which they are mounted. Name Model Analog Input Unit 3G2A5-AD jjj, C500-AD101 High-speed Counter Unit 3G2A5-CT jjj, C500-CT041 Analog Output Unit 3G2A5-DA jjj, C500-DA101 Fuzzy Logic Unit C500-FZ001 ID Sensor Unit C500-IDS jj/-IDS01-V1 Ladder Program I/O Unit C500-LDP01-V1 Position Control Unit 3G2A5-NC103-E/-NC111-EV1, C500-NC222-E SYSMAC BUS Optical Remote I/O Master Unit 3G2A5-RM001-PEV1/-RM001-EV1, C500-RM201 ASCII Unit C500-ASC04 Cam Positioner Unit C500-CP131 Magnetic Card Reader Unit 3G2A5-MGC01 PID Control Unit 3G2A5-PID01-E 2-2-2 Expansion CPU Racks An Expansion CPU Rack can be provided to increase the mounting space for CPU Bus Units. The Expansion CPU Rack is connected directly to the CPU Rack. Two cables are required to connect the Expansion CPU Rack to the CPU Rack, a CPU Bus Cable and an I/O Connecting Cable. If either of these connec- tions is broken, the system will be disabled Only one Expansion CPU Rack can be connected to the CPU Rack. To further increase the number of I/O Units, a series of Expansion I/O Racks may be con- nected to the Expansion CPU Rack or to the I/O Control Unit on the CPU Rack. If no Expansion I/O Rack is connected to the I/O Interface Unit, connect a Termina- tion Resistance Unit to the unused connector on the I/O Interface Unit. CPU Bus Connector Connects the Expansion CPU Rack to the CPU Rack. I/O Connector Connects the Ex- pansion CPU Rack to the CPU Rack. Termination Resistance Unit A Termination Resistance Unit must be connected to the unused I/O cable connector when an Ex- pansion I/O Rack is not connected. I/O Connector Connects the Ex- pansion CPU Rack to an Expan- sion I/O Rack. When not used, connect a Termination Resistance Unit. I/O Interface Unit (CV500-II101) Connects the Expansion CPU Rack to the CPU Rack and, if nec- essary, to an Expansion I/O Rack. Power Supply Unit CV500-PS221/PS211 CVM1-PA208 Expansion CPU Backplane CV500-BI111 Units (Up to 11 or the following Units: SYSMAC NET Link Units, SYSMAC LINK Units, SYSMAC BUS/2 Masters, BASIC Units, Personal Computer Unit, C500 I/O Units, C500 Special I/O Units, SYSMAC BUS Masters) Racks Section 2-2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |