| Electronic Components Datasheet Search |
|
CV500-SLK21 Datasheet(PDF) 17 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
CV500-SLK21 Datasheet(HTML) 17 Page - Omron Electronics LLC |
|
17 / 182 page ![]() 4 1-3 PC Operation PCs operate by monitoring input signals and providing output signals. When changes are detected in input signals, the PC reacts through the user-pro- grammed internal logic to produce output signals. The PC continually executes the program in its memory to achieve this control. Block Diagram of PC Power Supply Input Output CPU Memory Programming Device Signals from switches, sensors, etc. Signals to Solenoids, motors, etc. A program for your applications must be designed and stored in the PC. This program is then executed as part of the cycle of internal operations of the PC. Execution Cycle When a PC operates, i.e., when it executes its program to control an external system, a series of operations are performed inside the PC. These internal oper- ations can be broadly classified into the following four categories. Refer to the CV-series PCs Operation Manual: Ladder Diagrams for details. 1, 2, 3... 1. Common (or overseeing) processes, such as watchdog timer operation and testing the program memory. 2. Data input and output. 3. Program execution. 4. Peripheral device servicing. Cycle Time The total time required for a PC to perform all these internal operations is called the cycle time. Timing is one of the most important factors in designing a Control System. For accurate operations, it is necessary to have answers to such questions as these: • How long does it take for the PC to execute all the instructions in its memory? • How long does it take for the PC to produce a control output in response to a given input signal? PC Operation Section 1-3 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |