| Electronic Components Datasheet Search |
|
CV500-SLK21 Datasheet(PDF) 56 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
CV500-SLK21 Datasheet(HTML) 56 Page - Omron Electronics LLC |
|
56 / 182 page ![]() 43 3-1-2 Memory Card and Expansion Data Memory Unit Extra memory is available in two forms, via the use of Memory Cards or by using an Expansion Data Memory Unit. This section outlines the procedure for mount- ing and removing these optional memory devices. Memory Cards The Memory Card can be used to store data and programs as files. Memory Cards are optional and are not supplied with the CPU. They must be ordered separately and installed by the user Mount a Memory Card to the CPU using the following procedure. 1, 2, 3... 1. Open the cover of the Memory Card compartment. 2. If the Memory Card is RAM or EEPROM, set the write-protect switch to OFF so that data can be written to the Card. 3. Insert the Memory Card into its compartment. In doing so, a slight resistance will be felt as the connector on the Memory Card mates with the connector on the CPU. Continue pushing until the Memory Card is inserted completely into the CPU. If the Memory Card ON/OFF switch is ON, the Memory Card indicator will light. 4. Close the cover. Memory Card indicator Memory Card ON/OFF switch Memory Card eject button Memory Card Cover Removing a Memory Card 1, 2, 3... 1. Open the cover of the Memory Card compartment. 2. Press the Memory Card ON/OFF switch once if the Memory Card indicator is lit. The Memory Card indicator will turn OFF. 3. Press the Memory Card eject button. The Memory Card will be released al- lowing it to be removed. 4. Pull out the Memory Card. 5. Close the cover. Note 1. Do not expose the Memory Card to high temperature, humidity, or direct sunlight. 2. Do not bend the Card or subject it to shock. 3. Do not apply excess force to the Card when inserting or removing it. 4. Do not remove the Card while the Memory Card indicator is lit; doing so may result in data errors in the memory. Mounting a Memory Card Assembly Section 3-1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |