Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CV500-SLK21 Datasheet(PDF) 123 Page - Omron Electronics LLC

Part # CV500-SLK21
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CV500-SLK21 Datasheet(HTML) 123 Page - Omron Electronics LLC

Back Button CV500-SLK21 Datasheet HTML 119Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 120Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 121Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 122Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 123Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 124Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 125Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 126Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 127Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 182 page
background image
Appendix B
Specifications
110
DC Input Units
Item
3G2A5-ID112
3G2A5-ID213
Input Voltage
5 to 12 VDC +10%/–15%
12 to 24 VDC +10%/–15%
Input Impedance
560
2.2 k
Input Current
16 mA typical (at 12 VDC)
10 mA typical (at 24 VDC)
ON Voltage
4.0 VDC min.
10.2 VDC min.
OFF Voltage
1.5 VDC max.
3.0 VDC max.
ON Delay
1.5 ms max.
1.5 ms max.
OFF Delay
1.5 ms max.
1.5 ms max.
No. of Inputs
16 (8 inputs/common, 2 circuits)
16 (8 inputs/common, 2 circuits)
Internal Current
Consumption
10 mA, 5 VDC max.
20 mA, 5 VDC max.
Weight
450 grams max.
450 grams max.
Circuit
Configuration
Inter-
nal
Circuit
COM
COM
IN 00
to
IN 06
IN 07
IN 08
to
IN 14
IN 15
6.8
k
6.8
k
560
560
Two-wire sensors cannot be connected.
Inter-
nal
Circuit
2.2 k
2.2 k
COM
COM
IN 00
to
IN 06
IN 07
IN 08
to
IN 14
IN 15
Inter-
nal
Circuit
1.8
k
1.8
k
Terminal
Connections
+
COM
NC
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15 16
17
18
19
NC
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
COM
+
5 to 12 VDC
5 to 12 VDC
+
COM
NC
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15 16
17
18
19
NC
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
COM
+
12 to 24 VDC
12 to 24 VDC
Dimensions
A-shape
A-shape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com