Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CV500-SLK21 Datasheet(PDF) 138 Page - Omron Electronics LLC

Part # CV500-SLK21
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CV500-SLK21 Datasheet(HTML) 138 Page - Omron Electronics LLC

Back Button CV500-SLK21 Datasheet HTML 134Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 135Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 136Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 137Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 138Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 139Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 140Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 141Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 142Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 182 page
background image
Appendix B
Specifications
125
Triac Output Units Continued
Item
C500-OA226
Max. Switching Capacity
1.2 A, 250 VAC, 50/60 Hz (4 A/common, 5 A/Unit)
Max. Inrush Current
15 A (pulse width: 100 ms)
30 A (pulse width: 10 ms)
Min. Switching Capacity
100 mA, 10 VAC
50 mA, 24 VAC
10 mA, 100 VAC
10 mA, 240 VAC
Leakage Current
1.5 mA (120 VAC, 60 Hz) max.
3.0 mA (240 VAC, 60 Hz) max.
Residual Voltage
1.5 VAC (100 to 600 mA) max.
1.5 VAC (50 to 100 mA) max.
5.0 VAC (10 to 50 mA) max.
ON Delay
1 ms max.
OFF Delay
1/2 of load frequency + 1 ms max.
No. of Outputs
16 (8 outputs/common, 2 circuits)
Internal Current Consumption
450 mA, 5 VDC max.
Fuse Capacity
5 A, 250 V, 6.35 dia. x 32 (2 fuses)
Weight
600 grams max.
Circuit Configuration
Fuse/
fuse blowout
detection circuit
OUT 00
OUT 07
COM
OUT 08
OUT 15
to
to
COM
OUT 06
OUT 14
The fuse is 5 A, 250 V and 6.35 mm dia. x 32 mm.
0.022 F
0.022 F
f Ω
f Ω
f Ω
f Ω
Fuse/
fuse blowout
detection circuit
Terminal Connections
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
2
3
4
5
COM
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15 16
17
18
0
1
6
7
8
9
10
11
12
13
14
15
COM
~
~
19
NC
NC
250 VAC max.
250 VAC max.
Dimensions
C-shape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com