Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CV500-SLK21 Datasheet(PDF) 152 Page - Omron Electronics LLC

Part # CV500-SLK21
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CV500-SLK21 Datasheet(HTML) 152 Page - Omron Electronics LLC

Back Button CV500-SLK21 Datasheet HTML 148Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 149Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 150Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 151Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 152Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 153Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 154Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 155Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 156Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 182 page
background image
Appendix B
Specifications
139
Dummy I/O Unit
Item
3G2A5-DUM01
Selection Function
Unit designation: input/output
Point designation: 16/32/64 points
Internal Current Consumption
35 mA, 5 VDC max.
Power for External Supply
30 mA, 24 VDC
10% min.
Weight
450 grams max.
Terminal Connections
+
2
3
4
5
16
17
18
0
1
6
7
8
9
10
11
12
13
14
15
24 VDC
19
Short-circuit:
Open:
input
output
Point
designation
16 points
32 points
64 points
Terminal con-
nection
Open 3,4, and 5
Short 3 and 4.
Open 5.
Short 4 and 5.
Open 3.
Dimensions
A-shape
Note Power is supplied to the Dummy I/O Unit from the 24 VDC output terminal of the Power Supply Unit
mounted on the same Rack as the Dummy I/O Unit. Be sure to supply power to the Dummy I/O Unit before
supplying power to the CPU. If power is supplied to the Dummy I/O Unit after power is supplied to the CPU,
the Dummy I/O Unit is assumed to have only 16 I/O points, and may result in an I/O Verification Error or an
I/O Setting Error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com