Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CV500-SLK21 Datasheet(PDF) 170 Page - Omron Electronics LLC

Part # CV500-SLK21
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CV500-SLK21 Datasheet(HTML) 170 Page - Omron Electronics LLC

Back Button CV500-SLK21 Datasheet HTML 166Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 167Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 168Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 169Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 170Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 171Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 172Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 173Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 174Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 182 page
background image
Glossary
158
Jumps in ladder diagrams are usually conditional on an execution condition;
jumps in SFC programs are conditional on the step status and transition condi-
tion status before the jump.
least-significant (bit/word)
See
rightmost (bit/word).
LED
Acronym for light-emitting diode; a device used as for indicators or displays.
leftmost (bit/word)
The highest numbered bits of a group of bits, generally of an entire word, or the
highest numbered words of a group of words. These bits/words are often called
most-significant bits/words.
link
A hardware or software connection formed between two Units. “Link” can refer
either to a part of the physical connection between two Units or a software con-
nection created to data existing at another location (i.e., data links).
Link Adapter
A Unit used to connect communications lines, either to branch the lines or to con-
vert between different types of cable. There are two types of Link Adapter:
Branching Link Adapters and Converting Link Adapters.
Link System
A system used to connect remote I/O or to connect multiple PCs in a network.
Link Systems include the following: SYSMAC BUS Remote I/O Systems, SYS-
MAC BUS/2 Remote I/O Systems, SYSMAC LINK Systems, Host Link Systems,
and SYSMAC NET Link Systems.
Link Unit
Any of the Units used to connect a PC to a Link System. These include Remote
I/O Units, SYSMAC LINK Units, and SYSMAC NET Link Units.
linkable slot
A slot on either a Backplane to which a Link Unit can be mounted. Backplanes
differ in the slots to which Link Units can be mounted.
load
The processes of copying data either from an external device or from a storage
area to an active portion of the system such as a display buffer. Also, an output
device connected to the PC is called a load.
main line
In a Link System connected through Branching Link Adapters, the communica-
tions cable that runs from the Unit at each end of the System through the Link
Adapters.
MCR Unit
Magnetic Card Reader Unit.
megabyte
A unit of storage equal to one million bytes.
memory area
Any of the areas in the PC used to hold data or programs.
most-significant (bit/word)
See
leftmost (bit/word).
nesting
Programming one loop within another loop, programming a call to a subroutine
within another subroutine, or programming an IF–ELSE programming section
within another IF–ELSE section.
Network Service Board
A device with an interface to connect devices other than PCs to a SYSMAC NET
Link System.
Network Service Unit
A Unit that provides two interfaces to connect peripheral devices to a SYSMAC
NET Link System.
noise interference
Disturbances in signals caused by electrical noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com