Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9952XP Datasheet(PDF) 56 Page - STMicroelectronics

Part # L9952XP
Description  Power management system IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9952XP Datasheet(HTML) 56 Page - STMicroelectronics

Back Button L9952XP Datasheet HTML 52Page - STMicroelectronics L9952XP Datasheet HTML 53Page - STMicroelectronics L9952XP Datasheet HTML 54Page - STMicroelectronics L9952XP Datasheet HTML 55Page - STMicroelectronics L9952XP Datasheet HTML 56Page - STMicroelectronics L9952XP Datasheet HTML 57Page - STMicroelectronics L9952XP Datasheet HTML 58Page - STMicroelectronics L9952XP Datasheet HTML 59Page - STMicroelectronics L9952XP Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 68 page
background image
SPI control and status registers
L9952GXP
56/68
Doc ID 13518 Rev 5
8.1.2
Control register 1
While writing to the control register 1, the status register 1 can be read at the DO-Output of
the SPI.
01
Voltage regulator 2 is ON in ACTIVE mode;
OFF in V1-standby, VBat-standby
10
Voltage regulator 2 is ON in ACTIVE mode and V1 standby;
OFF in Vbat-standby
1
1
Voltage regulator 2 is ON in all modes
Table 41.
Configuration bit TRIG, GO_VBAT, GO_V1
TRIG
Trigger bit for watchdog; inverted for each Trigger event invert this bit for a
proper watchdog trigger.
GO_VBAT
”1” enters the Vbat-standby mode. (dominant mode, if both standby modes
are selected)
GO_V1
“1” enters the V1-standby mode.
Table 40.
Configuration bit On_V2x (continued)
Name / state
Definition/ function
Table 42.
Control register 1
Cyclic Timer 1/2
Loop
Pull up
Wakeup Sources
Bit
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Access
w
w
w
w
w
w
w
w
w
w
w
w
w
w
w
w
w
w
w
w
w
w
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Name
CLR
INT_EN
T20
T13
T12
T11
T10
L2
L1
L0
U3
U2
U1
U0
W7
W6
W5
W4
W3
W2
W1
W0
Table 43.
Configuration bit Wx
Name/state
Definition/function
W7
W6
W5
W4
W3
W2
W1
W0 Disables the corresponding wake up sources
x
x
x
x
x
x
x
1
Input WU1 is disabled as wake up source
x
x
x
x
x
x
1
x
Input WU2 is disabled as wake up source
x
x
x
x
x
1
x
x
Input WU3 is disabled as wake up source
x
x
x
x
1
x
x
x
Input WU4 is disabled as wake up source
xx
x
1
xx
xx
Open load Appearance / Disappearance at OUT1 is
disabled as wake up source
xx
1
x
xx
xx
Open load Appearance / Disappearance at OUT2 is
disabled as wake up source
x
1
xx
xx
xx
Open load Appearance / Disappearance at OUT3 is
disabled as wake up source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com