Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9952XP Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9952XP
Description  Power management system IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9952XP Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9952XP Datasheet HTML 4Page - STMicroelectronics L9952XP Datasheet HTML 5Page - STMicroelectronics L9952XP Datasheet HTML 6Page - STMicroelectronics L9952XP Datasheet HTML 7Page - STMicroelectronics L9952XP Datasheet HTML 8Page - STMicroelectronics L9952XP Datasheet HTML 9Page - STMicroelectronics L9952XP Datasheet HTML 10Page - STMicroelectronics L9952XP Datasheet HTML 11Page - STMicroelectronics L9952XP Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
Pin definitions and functions
L9952GXP
8/68
Doc ID 13518 Rev 5
1
Pin definitions and functions
Figure 1.
Block diagram
Table 2.
Pins definitions and functions
Pin
name
PowerSS0-36
Function
GND
1
Ground
V2
2
Voltage regulator 2 output : 5 V supply for external loads e.g. IR
receiver, potentiometer
V1
3
Voltage regulator 1 output : 5 V supply e.g. micro controller, Can
transceiver
NReset
4
NReset output to micro controller - Internal pull-up of typ. 100K
Ω
( reset state = low )
INH
5
Wake-up input e.g. from CAN transceiver
RxD
6
Receiver output of the LIN 2.1 transceiver
DI
Voltage
Regulator 1
High Side
SPI
LOGIC
Window
Watchdog
Vs
GND
V1
WU1
CSN
CLK
DO
OUT_HS
Out1
Rel1
Rel2
Wake Up IN
High Side
Low Side
Output Clamp
FSO
Voltage
Monitor
Wake Up IN
WU2
INH
Vs
Temp Prewarning
& Shutdown
Undervoltage-
Overvoltage -
Shutdown
Low Side
Output Clamp
M
VS
VBat
Cyclic Contact
Monitoring
Microcontroller
CAN
VBat
LIN 2.1 1)
SAEJ2602
RxD
TxD
NReset
Voltage
Regulator 2
220nF
V2
220nF
Vs
Wake Up IN
Wake Up IN
WU3
WU4
High Side
High Side
High Side
Out2
Out3
Out4
LIN
LINPU
PWM1
PWM2
Dig_Out3
Dig_Out4 /
Interrupt
ESDLIN1524BJ
Wake Up IN
OP2+
OP2-
OP2out
OP1+
OP1-
OP1out
For detailed information
see
EMC test report from
IBEE Zwickau
µC (ADC)
CAN
LIN
R
1) LIN 2.1 certified
e. g. Bulb,
LED, Hall
Sensor
e. g. LED,
Hall Sensor
Fail-safe Logic
C
R
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com