Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9952XP Datasheet(PDF) 38 Page - STMicroelectronics

Part # L9952XP
Description  Power management system IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9952XP Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L9952XP Datasheet HTML 34Page - STMicroelectronics L9952XP Datasheet HTML 35Page - STMicroelectronics L9952XP Datasheet HTML 36Page - STMicroelectronics L9952XP Datasheet HTML 37Page - STMicroelectronics L9952XP Datasheet HTML 38Page - STMicroelectronics L9952XP Datasheet HTML 39Page - STMicroelectronics L9952XP Datasheet HTML 40Page - STMicroelectronics L9952XP Datasheet HTML 41Page - STMicroelectronics L9952XP Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 68 page
background image
Electrical characteristics
L9952GXP
38/68
Doc ID 13518 Rev 5
Figure 13. Watchdog timing
T
LW
= long window < 65ms
T
CW
= closed window < 6ms
T
OW
= open window < 10ms
trigger signal
T
WDR
= watchdog reset = 2ms
tim e / m s
tim e / m s
tim e / m s
Normal startup operation and timeout failures
WD-
trigger
= correct trigger timing
T
LW
T
CW
+ T
OW
M issing uC trigger signal
T
CW
T
CW
+ T
OW
NRES-
Out
T
WDR
T
LW
= early trigger timing
= missing trigger
T
LW
T
WDR
normal operation
missing
trigger
early
write
T
LW
NRES-
Out
T
WDR
T
WDR
WD-
trigger
T
LW
T
LW
T
WDR
tim e / m s
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com