Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9952XP Datasheet(PDF) 58 Page - STMicroelectronics

Part # L9952XP
Description  Power management system IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9952XP Datasheet(HTML) 58 Page - STMicroelectronics

Back Button L9952XP Datasheet HTML 54Page - STMicroelectronics L9952XP Datasheet HTML 55Page - STMicroelectronics L9952XP Datasheet HTML 56Page - STMicroelectronics L9952XP Datasheet HTML 57Page - STMicroelectronics L9952XP Datasheet HTML 58Page - STMicroelectronics L9952XP Datasheet HTML 59Page - STMicroelectronics L9952XP Datasheet HTML 60Page - STMicroelectronics L9952XP Datasheet HTML 61Page - STMicroelectronics L9952XP Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 68 page
background image
SPI control and status registers
L9952GXP
58/68
Doc ID 13518 Rev 5
Note:
In VBAT standby mode, DigOut 3 and DigOut4 are HighZ.
Table 46.
Configuration bit Txx
Name/state
Definition/function
T12
T11
T10
Defines the period of the cyclic sense Timer 1 which is selectable for Out
1..4 and Out_HS (see ON signals control register 0)
0
0
0
Period: 0.5 s
0
0
1
Period: 1.0 s
0
1
0
Period: 1.5 s
0
1
1
Period: 2.0 s
1
0
0
Period: 2.5 s
1
0
1
Period: 3.0 s
1
1
0
Period: 3.5 s
1
1
1
Period: 4.0 s
T13
Defines the ON time for the cyclic sense Timer1
0
ON time 10 ms
1
ON time 20 ms
T20
Defines the ON time of the cyclic sense Timer 2 which is selectable for Out
1..4 and OUTHS (see ON Signals control register 0)
0
Period 50 ms / ON time 100 us
1
Period 50 ms / ON time 1ms
Table 47.
Configuration bit INT_enable
Name/state
Definition/function
INT_enable
0
Interrupt Mode disabled ( see Section 2.7 )
1
Interrupt Mode enabled
CLR
Clears the contents of status register 0 and 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com