Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9952XP Datasheet(PDF) 26 Page - STMicroelectronics

Part # L9952XP
Description  Power management system IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9952XP Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L9952XP Datasheet HTML 22Page - STMicroelectronics L9952XP Datasheet HTML 23Page - STMicroelectronics L9952XP Datasheet HTML 24Page - STMicroelectronics L9952XP Datasheet HTML 25Page - STMicroelectronics L9952XP Datasheet HTML 26Page - STMicroelectronics L9952XP Datasheet HTML 27Page - STMicroelectronics L9952XP Datasheet HTML 28Page - STMicroelectronics L9952XP Datasheet HTML 29Page - STMicroelectronics L9952XP Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 68 page
background image
Protection and diagnosis
L9952GXP
26/68
Doc ID 13518 Rev 5
Figure 8.
Protection and diagnosis
Active
Mode
Standby Modes
(during cyclic sense )
Vs Lockout
All outputs: off
UV bit set (D1 SR1)
Auto-restart if selected by SPI
Vs Lockout
All outputs: high Impedance
OV Bit set (D0 SR1)
Auto-restart if selected by SPI
Vs Overvoltage
Temperature
Warning
‚Temperature Warning'-
Bit set
(D2 SR1)
TSD1
All outputs except V 1: off
‚TSD 1'-Bit is set(D3 SR1)
Tj > 140°C
SPI command: ‚CLR’
(D21 CR1)
OR
Power-on reset
TSD2
All outputs: off
V1: off for 1 sec
‚TSD2-bit is set (D4 SR1)
Tj > 155°C
Vbatstdby
All outputs incl V 2: off
8x TSD2
(each TSD2
within 1 min)
SPI command: ‚CLR’
(D21 CR1)
OR
Autorestart activated
(D4 CR2)
SPI command: ‚CLR’
(D21 CR1)
OR
Autorestart activated
(D4 CR2)
Vs Undervoltage
Wake-up event
Power-on reset
SPI command: ‚CLR’
(D21 CR1)
OR
Power-on reset
Tj > 130°C
V1 off for
200ms
8 successive watchdog
failures
7 additional watchdog failures
in sequence
Vbatstdby
mode
T > 1sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com