Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS49FG Datasheet(PDF) 33 Page - Toshiba Semiconductor

Part # TMP86FS49FG
Description  8 Bit Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49FG Datasheet(HTML) 33 Page - Toshiba Semiconductor

Back Button TMP86FS49FG Datasheet HTML 29Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 30Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 31Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 32Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 33Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 34Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 35Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 36Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 37Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
Page 31
TMP86FS49FG
2.3.2 Address trap reset
If the CPU should start looping for some cause such as noise and an attempt be made to fetch an instruction
from the on-chip RAM (when WDTCR1<ATAS> is set to “1”), DBR or the SFR area, address trap reset will
be generated. The reset time is about 8/fc to 24/fc [s] (0.5 to 1.5
µs at 16.0 MHz).
Note:The operating mode under address trapped is alternative of reset or interrupt. The address trap area is alter-
native.
Note 1: Address “a” is in the SFR or on-chip RAM (WDTCR1<ATAS> = “1”) space.
Note 2: During reset release, reset vector “r” is read out, and an instruction at address “r” is fetched and decoded.
Figure 2-16 Address Trap Reset
2.3.3 Watchdog timer reset
Refer to 2.4 “Watchdog Timer”.
2.3.4 System clock reset
Clearing both XEN and XTEN (Bits 7 and 6 in SYSCR2) to “0”, clearing XEN to “0” when SYSCK = “0”,
or clearing XTEN to “0” when SYSCK = “1” stops system clock, and causes the microcomputer to deadlock.
This can be prevented by automatically generating a reset signal whenever XEN = XTEN = “0”, XEN =
SYSCK = “0”, or XTEN = “0”/SYSCK = “1” is detected to continue the oscillation. The reset time is about 8/
fc to 24/fc [s] (0.5 to 1.5
µs at 16.0 MHz).
Instruction at address r
16/fc [s]
8/fc to 24/fc [s]
Instruction
execution
Internal reset
JP
a
Reset release
Address trap is occurred
4/fc to 12/fc [s]
TENTATIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com