Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS49FG Datasheet(PDF) 20 Page - Toshiba Semiconductor

Part # TMP86FS49FG
Description  8 Bit Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49FG Datasheet(HTML) 20 Page - Toshiba Semiconductor

Back Button TMP86FS49FG Datasheet HTML 16Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 17Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 18Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 19Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 20Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 21Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 22Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 23Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 24Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
Page 18
2. Operational Description
2.2 System Clock Controller
TMP86FS49FG
When the STOP pin input is high, executing an instruction which starts STOP mode will not place
in STOP mode but instead will immediately start the release sequence (Warm up). Thus, to start
STOP mode in the level-sensitive release mode, it is necessary for the program to first confirm that
the STOP pin input is low. The following two methods can be used for confirmation.
1. Testing a port P20.
2. Using an external interrupt input INT5 (INT5 is a falling edge-sensitive input).
Figure 2-7 Level-sensitive Release Mode
Note 1: In this case of changing to the level-sensitive mode from the edge-sensitive mode, the release
mode is not switched until a rising edge of the STOP pin input is detected.
(2) Edge-sensitive release mode (RELM = “0”)
In this mode, STOP mode is released by a rising edge of the STOP pin input. This is used in appli-
cations where a relatively short program is executed repeatedly at periodic intervals. This periodic
signal (for example, a clock from a low-power consumption oscillator) is input to the STOP pin. In
the edge-sensitive release mode, STOP mode is started even when the STOP pin input is high level.
Example 1 :Starting STOP mode from NORMAL mode by testing a port P20.
LD
(SYSCR1), 01010000B
; Sets up the level-sensitive release mode
SSTOPH:
TEST
(P2PRD). 0
; Wait until the STOP pin input goes low level
JRS
F, SSTOPH
DI
; IMF
← 0
SET
(SYSCR1). 7
; Starts STOP mode
Example 2 :Starting STOP mode from NORMAL mode with an INT5 interrupt.
PINT5:
TEST
(P2PRD). 0
; To reject noise, STOP mode does not start if
JRS
F, SINT5
port P20 is at high
LD
(SYSCR1), 01010000B
; Sets up the level-sensitive release mode.
DI
; IMF
← 0
SET
(SYSCR1). 7
; Starts STOP mode
SINT5:
RETI
Example :Starting STOP mode from NORMAL mode
DI
; IMF
← 0
LD
(SYSCR1), 10010000B
; Starts after specified to the edge-sensitive release mode
VIH
NORMAL
operation
Warm up
STOP
operation
Confirm by program that the
STOP pin input is low and start
STOP mode.
Always released if the STOP
pin input is high.
STOP pin
XOUT pin
STOP mode is released by the hardware.
NORMAL
operation
TENTATIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com