Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS49FG Datasheet(PDF) 41 Page - Toshiba Semiconductor

Part # TMP86FS49FG
Description  8 Bit Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49FG Datasheet(HTML) 41 Page - Toshiba Semiconductor

Back Button TMP86FS49FG Datasheet HTML 34Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 35Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 36Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 37Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 38Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 39Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 40Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 41Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 42Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
Page 261
TMP86FS49FG
22.7 Recommended Oscillating Conditions
Note 1: To ensure stable oscillation, the resonator position, load capacitance, etc. must be appropriate. Because these factors are
greatly affected by board patterns, please be sure to evaluate operation on the board on which the device will actually be
mounted.
Note 2: The product numbers and specifications of the resonators by Murata Manufacturing Co., Ltd. are subject to change. For
up-to-date information, please refer to the following URL:
http://www.murata.co.jp/search/index.html
22.8 Handling Precaution
- The solderability test conditions for lead-free products (indicated by the suffix G in product name) are shown
below.
1. When using the Sn-63Pb solder bath
Solder bath temperature = 230
°C
Dipping time = 5 seconds
Number of times = once
R-type flux used
2. When using the Sn-3.0Ag-0.5Cu solder bath
Solder bath temperature = 245
°C
Dipping time = 5 seconds
Number of times = once
R-type flux used
Note: The pass criteron of the above test is as follows:
Solderability rate until forming
≥ 95 %
- When using the device (oscillator) in places exposed to high electric fields such as cathode-ray tubes, we recommend elec-
trically shielding the package in order to maintain normal operating condition.
XTIN
XTOUT
(2) Low-frequency Oscillation
XIN
XOUT
C
1
C
2
(1) High-frequency Oscillation
C
1
C
2
TENTATIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com