Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM330023-2 Datasheet(PDF) 36 Page - Microchip Technology

Part # DM330023-2
Description  dsPICDEM MCHV Development System User?셲 Guide
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM330023-2 Datasheet(HTML) 36 Page - Microchip Technology

Back Button DM330023-2 Datasheet HTML 32Page - Microchip Technology DM330023-2 Datasheet HTML 33Page - Microchip Technology DM330023-2 Datasheet HTML 34Page - Microchip Technology DM330023-2 Datasheet HTML 35Page - Microchip Technology DM330023-2 Datasheet HTML 36Page - Microchip Technology DM330023-2 Datasheet HTML 37Page - Microchip Technology DM330023-2 Datasheet HTML 38Page - Microchip Technology DM330023-2 Datasheet HTML 39Page - Microchip Technology DM330023-2 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
dsPICDEM™ MCHV Development System User’s Guide
DS70605A-page 30
 2009 Microchip Technology Inc.
4.1.2
Active Power Factor Correction (PFC)
The active PFC circuit is essentially a simple boost chopper with the control aimed at
shaping the input current to follow the incoming mains supply waveform. The purpose
of the different parts of the circuit is described below.
• L6 – A high frequency axial inductor with a single layer winding on a ferrite core.
This component is in series with the main inductor (L7) to reduce the effect of the
self-capacitance of its winding. Without L6, significant high frequency (15 MHz)
ringing of the inductor current occurs at every transistor turn-on, which would
increase EMI and the PFC transistor switching loss.
• L7 – A power inductor with three stacked toroidal cores made from a
powdered-iron material to limit the core loss while maintaining good energy
storage density. The particular cores used are Magnetics 0077083A7. A simple
multi-layer winding is used which results in moderate copper loss but significant
self-capacitance. Sixty-six turns of 1.5 mm diameter enameled copper wire is
used. The design offers a good compromise between cost, core loss and size for
this application. The nominal inductance is 1 mH at 10A.
• Q2 – A 600V TO-247 IGBT. As the tab of the device is not isolated, a thermally
conductive insulator is used. When closed, Q2 increase the energy stored in the
inductor L7. When open, energy stored in the inductance is transferred to the DC
bus capacitors (C30-C32). Energy is also drawn from the AC supply during this
time. By appropriate control of the switches, the input current waveform can be
profiled to obtain good power factor and low harmonic distortion.
• D12 – A 600V TO-247 diode optimized for use at high switching frequency. As the
tab of the device is not isolated, a thermally conductive insulator is used.
• C28, R31, R32, R33, D11 – A “snubber” that acts to damp high frequency
oscillations and limit the rate of change of voltage across Q2
• C30, C31, C32 – 470 µF/450V electrolytic capacitors which act as the main DC
bus energy storage capacitors.
• R25, R26, C25, D8, Q1, R27, R28 – A lever shifter to boost the PWM signal com-
ing from the dsPIC DSC
• U19 – Microchip TC4421A gate drive IC. This contains a low resistance comple-
mentary push-pull MOSFET pair and input circuitry suitable for interfacing to a
wide range of input voltages. It is an ideal choice for this application allowing up to
10A of peak gate drive current to switch Q2 rapidly and therefore achieve low
switching loss. It also has a small footprint allowing it to be located physically
close to the transistors allowing a low inductance gate circuit layout.
• D9, C26, C27 – These components act to provide a dynamic level shifting circuit
to U19 while Q2 switch. Inductance of the power tracking between the source of
Q2 due to the physical board layout means there is a substantial transient voltage
between the +15V supply point reference at R28 and the source of Q2. This
simple low cost circuit allows the power supply of U19 to move transiently.
• R75, R29 and D10 – These components control the current and voltage to turn on
and turn off the IGBT. R29 controls the rising time and the di/dt when the IGBT is
turned on. R29 in parallel with R75 control the falling time and the di/dt when the
IGBT is turned off.
• The power factor corrector design is based on the application note AN1106, for
more information on this application note please refer to one of the following
Microchip Web sites:
- www.microchip.com/smps
- www.microchip.com/dscmotor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com