Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM330023-2 Datasheet(PDF) 48 Page - Microchip Technology

Part # DM330023-2
Description  dsPICDEM MCHV Development System User?셲 Guide
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM330023-2 Datasheet(HTML) 48 Page - Microchip Technology

Back Button DM330023-2 Datasheet HTML 44Page - Microchip Technology DM330023-2 Datasheet HTML 45Page - Microchip Technology DM330023-2 Datasheet HTML 46Page - Microchip Technology DM330023-2 Datasheet HTML 47Page - Microchip Technology DM330023-2 Datasheet HTML 48Page - Microchip Technology DM330023-2 Datasheet HTML 49Page - Microchip Technology DM330023-2 Datasheet HTML 50Page - Microchip Technology DM330023-2 Datasheet HTML 51Page - Microchip Technology DM330023-2 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 64 page
background image
dsPICDEM™ MCHV Development System User’s Guide
DS70605A-page 42
 2009 Microchip Technology Inc.
TABLE 4-7:
POWER MODULE STAGE BOARD CONNECTORS
The 14-pin keyed connector provides the signals and power supply rails from and to
the Power Module Stage. These signals are shown in Table 4-8.
TABLE 4-8:
14-PIN KEYED CONNECTORS
Number
Designator
Type
1
Motor Phase 1 (M1)
Output/Power
2
Motor Phase 2 (M2)
Output/Power
3
Motor Phase 3 (M3)
Output/Power
4
DC Bus “+”
Input/Power
5
DC Bus “-”
Input/Power
6
Hall Sensor A (HA)
Input
7
Hall Sensor B (HB)
Input
8
Hall Sensor C (HC)
Input
9
Hall Sensors, 5V power supply terminal
Output/Power
10
Hall Sensors, Ground terminal
Output/Power
11
UART-to-USB connector
Input/Output
12
UART-to-RS-232 connector
Input/Output
13
USB connector for the Starter Kit Programmer/Debugger
Input/Output
14
Isolated ICSP™ programmer/debugger connector for SKDE
(J4)
Input/Output
15
Isolated ICSP programmer/debugger connector for
UART-to-USB converter (J1)
Input/Output
16
ICSP programmer/debugger connector for dsPIC DSC (J18)
Input/Output
17
14-pin keyed connector (J16)
Input/Output/Power
Number
Name
Type
1
3.3V, digital rail
Output
2
Not Connected
NC
3
3.3V, analog rail
Output
4
AC input voltage feedback
Output
5
Ground, analog rail
Output
6
AC input current feedback
Output
7
Fault (Overcurrent or Overvoltage condition)
Output
8
VAC zero crossing signal
Output
9
Ground, digital rail
Output
10
PWM signal for the PFC IGBT
Input
11
Ground, digital rail
Output
12
Not Connected
NC
13
15V
Output
14
Not Connected
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com