Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM330023-2 Datasheet(PDF) 16 Page - Microchip Technology

Part # DM330023-2
Description  dsPICDEM MCHV Development System User?셲 Guide
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM330023-2 Datasheet(HTML) 16 Page - Microchip Technology

Back Button DM330023-2 Datasheet HTML 12Page - Microchip Technology DM330023-2 Datasheet HTML 13Page - Microchip Technology DM330023-2 Datasheet HTML 14Page - Microchip Technology DM330023-2 Datasheet HTML 15Page - Microchip Technology DM330023-2 Datasheet HTML 16Page - Microchip Technology DM330023-2 Datasheet HTML 17Page - Microchip Technology DM330023-2 Datasheet HTML 18Page - Microchip Technology DM330023-2 Datasheet HTML 19Page - Microchip Technology DM330023-2 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
dsPICDEM™ MCHV Development System User’s Guide
DS70605A-page 10
 2009 Microchip Technology Inc.
1.1.1
Features
The following are some of the key features of the dsPICDEM™ MCHV Development
System.
Supported Devices:
• 28-pin to 100-pin dsPIC33FJXXXMC202 PIM (MA330014) with a dsPIC33F Motor
Control device (U11) socket
• 44-pin to 100-pin dsPIC33FJXXXMCX04 PIM (MA330017 and MA330018) with a
dsPIC33F Motor Control device (U11) socket
• 100-pin to 100-pin dsPIC33FJXXXMCX10 PIM (MA330013) with a dsPIC33F
Motor Control device (U11) socket
• dsPIC33FJ12MC202 Motor Control device in a SOIC package (U12) footprint
Motor Control Interfaces:
• Three-phase inverter bridge with a power rating of 400V/6.5A (J17)
• Hall sensors/Quadrature Encoder Interface (QEI) for sensored motor control
algorithms (J9)
• Phase voltage feedback for sensorless BLDC operation
• DC bus current sense resistor for single shunt vector control
• Phase current sense resistor for dual shunt vector control
• Overcurrent protection
Input/Output Control Switches:
- One isolated push button (S1)
- Isolated reset push button (RESET)
- Isolated 10 k
 potentiometer (POT1)
- LED indicator for PWM outputs
Isolated Communication Ports:
- UART communication via USB (J6)
- UART communication via RS-232 (J8)
Built-In Isolated Programmer/Debugger (J20):
- Starter Kit-type programmer/debugger (daughter card)
Power Supply Connectors:
- Power Tab Fast-On connectors (BP1 and BP2) for the power stage
- Auxiliary 24V power input connector (J15) for the dsPIC DSC device and
low-power circuitry (non-populated)
- Auxiliary 15V and 3.3V regulators for regulating auxiliary power supply
(non-populated)
Programming Connectors:
- ICSP™ connector for programming a dsPIC DSC device (J18), non-isolated
- ICSP connector for programming the PIC18LF2450 USB module to the UART
Bridge (J1), isolated
- ICSP connector for programming the Starter Kit Programmer/Debugger
(SKDE), isolated PIC18F67J50 (J4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com