Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM330023-2 Datasheet(PDF) 46 Page - Microchip Technology

Part # DM330023-2
Description  dsPICDEM MCHV Development System User?셲 Guide
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM330023-2 Datasheet(HTML) 46 Page - Microchip Technology

Back Button DM330023-2 Datasheet HTML 42Page - Microchip Technology DM330023-2 Datasheet HTML 43Page - Microchip Technology DM330023-2 Datasheet HTML 44Page - Microchip Technology DM330023-2 Datasheet HTML 45Page - Microchip Technology DM330023-2 Datasheet HTML 46Page - Microchip Technology DM330023-2 Datasheet HTML 47Page - Microchip Technology DM330023-2 Datasheet HTML 48Page - Microchip Technology DM330023-2 Datasheet HTML 49Page - Microchip Technology DM330023-2 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
dsPICDEM™ MCHV Development System User’s Guide
DS70605A-page 40
 2009 Microchip Technology Inc.
4.2.8
User Interfaces
There are two types of user interfaces, isolated and non-isolated:
• Isolated interfaces:
- Potentiometer labeled “POT” (R14)
- RESET push button
- PUSH BUTTON (S1)
- PWM OUTPUT enable shunt jumper (J7)
- Communication Port Selection shunt jumper (J2 and J3)
- ICSP programmer/debugger connector for SKDE (J4)
- ICSP programmer/debugger connector for UART-to-USB converter (J1)
• Non-Isolated interfaces:
- 15V Power Supply LED (D17)
- 3.3V Power Supply LED (D18)
- PWM2L1, PWM1L1, PWM1H1, PWM1L2, PWM1H2, PWM1L3, PWM1H3
LEDs
- USB communication LED (D1)
- USB cable connected LED (D3)
- SKDE USB cable connected LED (D21)
- SKDE Power On LED (D19)
- ICSP programmer/debugger connector for dsPIC DSC (J18)
- Feedback Selection Shunt Jumpers J11, J12, J13, and J14.
Table 4-6 shows the multiple feedback signals that can be selected.
TABLE 4-6:
MULTIPLE FEEDBACK SIGNALS
Designator
Position
Description
J11
1-2
Connects AC input voltage zero-crossing event to
VACZX_VAC_POT
3-4
Connects AC input voltage to VACZX_VAC_POT
5-6
Connects the POT voltage to VACZX_VAC_POT
J12
1-2
Connects Phase M1 shunt current feedback to MONITOR_1
3-4
Connects Phase M1 voltage feedback to MONITOR_1
5-6
Connects Hall A/QEA sensor signal to MONITOR_1
J13
1-2
Connects Phase M2 shunt current feedback to MONITOR_2
3-4
Connects Phase M2 voltage feedback to MONITOR_2
5-6
Connects Hall B/QEB sensor signal to MONITOR_2
J14
1-2
Connects DC bus shunt current feedback to MONITOR_3
3-4
Connects Phase M3 voltage feedback to MONITOR_3
5-6
Connects Hall C/INDEX sensor signal to MONITOR_3
7-8
Connects the POT voltage to MONITOR_3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com