Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM330023-2 Datasheet(PDF) 20 Page - Microchip Technology

Part # DM330023-2
Description  dsPICDEM MCHV Development System User?셲 Guide
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM330023-2 Datasheet(HTML) 20 Page - Microchip Technology

Back Button DM330023-2 Datasheet HTML 16Page - Microchip Technology DM330023-2 Datasheet HTML 17Page - Microchip Technology DM330023-2 Datasheet HTML 18Page - Microchip Technology DM330023-2 Datasheet HTML 19Page - Microchip Technology DM330023-2 Datasheet HTML 20Page - Microchip Technology DM330023-2 Datasheet HTML 21Page - Microchip Technology DM330023-2 Datasheet HTML 22Page - Microchip Technology DM330023-2 Datasheet HTML 23Page - Microchip Technology DM330023-2 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
dsPICDEM™ MCHV Development System User’s Guide
DS70605A-page 14
 2009 Microchip Technology Inc.
2.2
USER INTERFACE
The dsPICDEM™ MCHV Development System has the following components to
interact with the user. Figure 2-2 shows a photograph of the front of the system.
• Input/Output Control Switches (Figure 2-2):
- One isolated push button (S1)
- Isolated reset push button (RESET)
- Isolated 10 kΩ potentiometer (POT1)
- LED indicator for PWM outputs
• PWM Outputs (Figure 2-2)
- Enable and disable jumpers (J7)
• Isolated Communication Ports (Figure 2-2):
- UART communication via USB (J6)
- UART communication via RS-232 (J8)
- Communication Ports Selector (J2, J3)
• Built-In Isolated Programmer/Debugger (Figure 2-2)
- Starter Kit type programmer/debugger (J20)
• Motor Connectors (Figure 2-3):
- Three-phase inverter bridge connector with a power rating of 400V/6.5A (J17)
- Hall sensors/Quadrature encoder interface for sensored motor control
algorithms (J9)
• Power Supply Connector (Figure 2-4)
- AC power inlet specified for 40VAC-220VAC 10Amps max (J1)
FIGURE 2-2:
dsPICDEM™ MCHV DEVELOPMENT SYSTEM (FRONT)
J8
J6
J20
S1
POT1
Reset
PWM LED
Indicators
J7
J2,J3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com