Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LED2000DR Datasheet(PDF) 28 Page - STMicroelectronics

Part # LED2000DR
Description  3 A monolithic step-down current source with synchronous rectification
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED2000DR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button LED2000DR Datasheet HTML 24Page - STMicroelectronics LED2000DR Datasheet HTML 25Page - STMicroelectronics LED2000DR Datasheet HTML 26Page - STMicroelectronics LED2000DR Datasheet HTML 27Page - STMicroelectronics LED2000DR Datasheet HTML 28Page - STMicroelectronics LED2000DR Datasheet HTML 29Page - STMicroelectronics LED2000DR Datasheet HTML 30Page - STMicroelectronics LED2000DR Datasheet HTML 31Page - STMicroelectronics LED2000DR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
Application information
LED2000
28/40
DocID023432 Rev 4
Example 3(see Example 1):
VIN = 12 V, VFW_LED = 3.5 V, nLED = 2, ILED = 700 mA
The typical output voltage is:
Equation 36
RDSON_HS has a typical value of 95 m and RDSON_LS is 69 m at 25 °C.
For the calculation we can estimate RDSON_HS = 140 m and RDSON_LS = 100 mas
a consequence of TJ increase during the operation.
TSW_EQ is approximately 12 ns.
IQ has a typical value of 1.5 mA at VIN = 12 V.
The overall losses are:
Equation 37
Equation 38
The junction temperature of the device is:
Equation 39
where TA is the ambient temperature and RthJ-A is the thermal resistance junction-to-
ambient. The junction-to-ambient (RthJ-A) thermal resistance of the device assembled in the
HSO8 package and mounted on the board is about 40 °C/W.
Assuming the ambient temperature is around 40 °C, the estimated junction temperature is:
7.4
Short-circuit protection
In overcurrent protection mode, when the peak current reaches the current limit threshold,
the device disables the power element and it is able to reduce the conduction time down to
the minimum value (approximately 100 nsec typical) to keep the inductor current limited.
This is the pulse-by-pulse current limitation to implement the constant current protection
feature.
VOUT
nLED VFW_LED VFB
+
7,1V
==
PTOT
RDSON_HS IOUT

2 DR
DSON_LS
IOUT

2
1D
–

VIN IOUT fSW TSW

VIN IQ
++
+
=
PTOT
0,14 0,7
2 0,6 0,1 0,72 0,4

12
+
0,7 12 10
9
–
850 10
3
12 1,5 10
3
–

+

+

205mW
=
TJ
TA RthJA
–
PTOT
+
=
TJ
60 0,205 40 68
C
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com