Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LED2000DR Datasheet(PDF) 31 Page - STMicroelectronics

Part # LED2000DR
Description  3 A monolithic step-down current source with synchronous rectification
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED2000DR Datasheet(HTML) 31 Page - STMicroelectronics

Back Button LED2000DR Datasheet HTML 27Page - STMicroelectronics LED2000DR Datasheet HTML 28Page - STMicroelectronics LED2000DR Datasheet HTML 29Page - STMicroelectronics LED2000DR Datasheet HTML 30Page - STMicroelectronics LED2000DR Datasheet HTML 31Page - STMicroelectronics LED2000DR Datasheet HTML 32Page - STMicroelectronics LED2000DR Datasheet HTML 33Page - STMicroelectronics LED2000DR Datasheet HTML 34Page - STMicroelectronics LED2000DR Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
DocID023432 Rev 4
31/40
LED2000
Application information
40
Figure 20. PCB layout (component side) VFQFPN package
Table 8. Component list
Reference
Part number
Description
Manufacturer
C1
100 nF 50 V
(size 0805)
C2
GRM31CR61E106KA12L
10
F 25 V
(size 1206)
Murata
C3
GRM21BR71E225KA73L
2.2
F 25 V
(size 0805)
Murata
R1
4.7 K
5%
(size 0603)
R2
Not mounted
Rs
ERJ14BSFR15U
0.15
1%
(size 1206)
Panasonic
L1
XAL6060-223ME
22
H
ISAT = 5.6 A (30% drop) IRMS = 6.9 A (40 C rise)
(size 6.36 x 6.56 x 6.1 mm)
Coilcraft



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com